công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M30262F8GP bảng dữ liệu(PDF) 32 Page - Renesas Technology Corp

tên linh kiện M30262F8GP
Giải thích chi tiết về linh kiện  16-BIT CMOS SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30262F8GP bảng dữ liệu(HTML) 32 Page - Renesas Technology Corp

Back Button M30262F8GP Datasheet HTML 28Page - Renesas Technology Corp M30262F8GP Datasheet HTML 29Page - Renesas Technology Corp M30262F8GP Datasheet HTML 30Page - Renesas Technology Corp M30262F8GP Datasheet HTML 31Page - Renesas Technology Corp M30262F8GP Datasheet HTML 32Page - Renesas Technology Corp M30262F8GP Datasheet HTML 33Page - Renesas Technology Corp M30262F8GP Datasheet HTML 34Page - Renesas Technology Corp M30262F8GP Datasheet HTML 35Page - Renesas Technology Corp M30262F8GP Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 239 page
background image
Renesas Technology Corp.
Processor Mode
26
M16C/26 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev. 0.9
Specifications in this manual are tentative and subject to change.
W
Function
Bit symbol
Bit name
Processor mode register 2 (Note 1)
Symbol
Address
When reset
PM2
001E16
XXX000002
R
b7
b6
b5
b4
b3
b2
b1
b0
PM20
Specifying wait when
accessing SFR registers
(Note 2)
0 : 2 waits
1 : 1 wait
00 0
0
Must always be set to "0"
Reserved bit
Nothing is assigned.
Writes must set each bit to "0". Read values are indeterminate.
0
PM24
P85/NMI configuration bit
(Notes 3,6,7)
0: P85 function (NMI disable)
1: NMI function
Note 1: Set bit 1 of the protect register (address 000A16) to "1" before writing new values
to this register.
Note 2: When the system clock is 16Mhz and more, must set to 2 waits.
Note 3: This bit cannot be changed from "1" to "0" in software.
Note 4: Setting PM21 to "1" results in the following:
• BCLK is not halted by WAIT instruction.
• Writing to the following bits has no effect:
CM02, of register CM0
CM05, of register CM0 (main clock is not halted)
CM07, of register CM0 (CPU clock source does not change)
CM10, of register CM1 (stop mode is not entered)
CM20, of register CM2 (oscillation stop, re-oscillation detection function settings
do not change)
Note 5: Setting PM22 to "1" results in the following:
• The ring oscillator starts oscillating, and the ring oscillator clock becomes the
watchdog timer count source.
• Writing to CM10 disabled (stop mode is not entered).
• Watchdog timer does not stop when in wait mode or hold state.
Note 6: For NMI function, this bit must be set to "1" in first instruction after reset.
Note 7: When this bit is set to "1", the P85 direction register must be "0".
System clock protective bit
(Notes 3,4)
0 : Clock is protected by PRCR
register
1 : Clock modification disabled
PM21
WDT count source
protective bit (Notes 3,5)
0 : CPU clock is used for the
watchdog timer count source
1 : Ring oscillator clock is used
for the watchdog timer count
source
PM22
Software Reset
Writing “1” to bit 3 of the processor mode register 0 (address 000416) applies a (software) reset to the
microcomputer. A software reset has the same effect as a hardware reset except the contents of internal
RAM are preserved after a software reset.
Note: Before attempting to change the contents of the processor mode register 0, set bit 1 of the protect
register (address 000A16) to “1”.
Figure 1.7.2. Processor mode register 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com