công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M30262F8GP bảng dữ liệu(PDF) 96 Page - Renesas Technology Corp

tên linh kiện M30262F8GP
Giải thích chi tiết về linh kiện  16-BIT CMOS SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30262F8GP bảng dữ liệu(HTML) 96 Page - Renesas Technology Corp

Back Button M30262F8GP Datasheet HTML 92Page - Renesas Technology Corp M30262F8GP Datasheet HTML 93Page - Renesas Technology Corp M30262F8GP Datasheet HTML 94Page - Renesas Technology Corp M30262F8GP Datasheet HTML 95Page - Renesas Technology Corp M30262F8GP Datasheet HTML 96Page - Renesas Technology Corp M30262F8GP Datasheet HTML 97Page - Renesas Technology Corp M30262F8GP Datasheet HTML 98Page - Renesas Technology Corp M30262F8GP Datasheet HTML 99Page - Renesas Technology Corp M30262F8GP Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 239 page
background image
Renesas Technology Corp.
Timer B
90
M16C/26 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev. 0.9
Specifications in this manual are tentative and subject to change.
Item
Specification
Count source
f1, f8, f32, fC32
Count operation
• Counts down
• When the timer underflows, it reloads the reload register contents before
continuing counting
Divide ratio
1/(n+1)
n : Set value
Count start condition
Count start flag is set (= 1)
Count stop condition
Count start flag is reset (= 0)
Interrupt request generation timing
The timer underflows
TBiIN pin function
Programmable I/O port
Read from timer
Count value is read out by reading timer Bi register
Write to timer
• When counting stopped
When a value is written to timer Bi register, it is written to both reload register
and counter
• When counting in progress
When a value is written to timer Bi register, it is written to only reload register
(Transferred to counter at next reload time)
(1) Timer mode
In this mode, the timer counts an internally generated count source. (See Table 1.13.6.) Figure 1.13.19
shows the timer Bi mode register in timer mode.
Table 1.13.6. Timer specifications in timer mode
Note 1: Timer B0.
.
Timer Bi mode register
Symbol
Address
When reset
TBiMR(i=0 to 2)
039B16 to 039D16
00XX00002
Bit name
Function
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
Operation mode select bit
0 0 : Timer mode
b1 b0
TMOD1
TMOD0
MR0
Invalid in timer mode
Can be 0 or 1
MR2
MR1
MR3
0 0 : f1 or f2
0 1 : f8
1 0 : f32
1 1 : fC32
TCK1
TCK0
Count source select bit
0
Invalid in timer mode.
In an attempt to write to this bit, write 0 . The value, if read in
timer mode, turns out to be indeterminate.
0
0 (Must always be 0 in timer mode ; i = 0)
Nothing is assiigned (i = 1, 2)
.
In an attempt to write to this bit, write 0 . The value, if read, turns out
to be indeterminate.
(Note 1)
(Note 2)
b7 b6
Note 2: Timer B1,B2.
Figure 1.13.19. Timer Bi mode register in timer mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com