công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R8C13 bảng dữ liệu(PDF) 53 Page - Renesas Technology Corp

tên linh kiện R8C13
Giải thích chi tiết về linh kiện  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C13 bảng dữ liệu(HTML) 53 Page - Renesas Technology Corp

Back Button R8C13 Datasheet HTML 49Page - Renesas Technology Corp R8C13 Datasheet HTML 50Page - Renesas Technology Corp R8C13 Datasheet HTML 51Page - Renesas Technology Corp R8C13 Datasheet HTML 52Page - Renesas Technology Corp R8C13 Datasheet HTML 53Page - Renesas Technology Corp R8C13 Datasheet HTML 54Page - Renesas Technology Corp R8C13 Datasheet HTML 55Page - Renesas Technology Corp R8C13 Datasheet HTML 56Page - Renesas Technology Corp R8C13 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 42 of 205
REJ09B0111-0120
R8C/13 Group
6.5 Oscillation Stop Detection Function
The oscillation stop detection function is such that main clock oscillation circuit stop is detected. The
oscillation stop detection function can be enabled and disabled by the OCD1 to OCD0 bits in the OCD
register.
Table 6.4 lists the specifications of the oscillation stop detection function.
Where the main clock corresponds to the CPU clock source and the OCD1 to OCD0 bits are “112”
(oscillation stop detection function enabled), the system is placed in the following state if the main clock
comes to a halt:
• OCD register OCD2 bit = 1 (selecting on-chip oscillator clock)
• OCD register OCD3 bit = 1 (main clock stopped)
• CM1 register CM14 bit = 0 (low-speed on-chip oscillator oscillating)
• Oscillation stop detection interrupt request occurs
Table 6.4 Oscillation Stop Detection Function Specifications
Item
Specification
Oscillation stop detectable clock and
f(XIN)
≥ 2 MHz
frequency bandwidth
Enabling condition for oscillation stop
Set OCD1 to OCD0 bits to “112” (oscillation stop detection
detection function
function enabled)
Operation at oscillation stop detection
Oscillation stop detection interrupt occurs
6.5.1 How to Use Oscillation Stop Detection Function
• The oscillation stop detection interrupt shares the vector with the watchdog timer interrupt. If the
oscillation stop detection and watchdog timer interrupts both are used, the interrupt factor must be
determined. Table 6.5 shows how to determine the interrupt factor with the oscillation stop detection
interrupt, watchdog timer interrupt and voltage detection interrupt.
• Where the main clock re-oscillated after oscillation stop, the clock source for the CPU clock and
peripheral functions must be switched to the main clock in the program.
Figure 6.7 shows the procedure for switching the clock source from the low-speed on-chip oscillator
to the main clock.
• To enter wait mode while using the oscillation stop detection function, set the CM02 bit to “0” (periph-
eral function clocks not turned off during wait mode).
• Since the oscillation stop detection function is provided in preparation for main clock stop due to
external factors, set the OCD1 to OCD0 bits to “002” (oscillation stop detection function disabled)
where the main clock is stopped or oscillated in the program, that is where the stop mode is selected
or the CM05 bit is altered.
• This function cannot be used when the main clock frequency is below 2 MHz. Set the OCD1 to OCD0
bits to “002” (oscillation stop detection function disabled).
• When using the low-speed on-chip oscillator clock for the CPU clock and clock sources of peripheral
functions after detecting the oscillation stop, set the HR01 bit in the HR0 register to “0” (low-speed
on-chip oscillator selected) and the OCD1 to OCD0 bits to “112” (oscillation stop detection function
enabled). When using the high-speed on-chip oscillator clock for the CPU clock and clock sources of
peripheral functions after detecting the oscillation stop, set the HR01 bit to “1” (high-speed on-chip
oscillator selected) and the OCD1 to OCD0 bits to “112” (oscillation stop detection function enabled).
6.5 Oscillation Stop Detection Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com