công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH-2 bảng dữ liệu(PDF) 143 Page - Renesas Technology Corp

tên linh kiện SH-2
Giải thích chi tiết về linh kiện  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 bảng dữ liệu(HTML) 143 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 139Page - Renesas Technology Corp SH-2 Datasheet HTML 140Page - Renesas Technology Corp SH-2 Datasheet HTML 141Page - Renesas Technology Corp SH-2 Datasheet HTML 142Page - Renesas Technology Corp SH-2 Datasheet HTML 143Page - Renesas Technology Corp SH-2 Datasheet HTML 144Page - Renesas Technology Corp SH-2 Datasheet HTML 145Page - Renesas Technology Corp SH-2 Datasheet HTML 146Page - Renesas Technology Corp SH-2 Datasheet HTML 147Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 919 page
background image
117
8.1.3
Pin Configuration
Table 8.1 shows the bus state controller pin configuration.
Table 8.1
Pin Configuration
Name
Abbr.
I/O
Description
Address bus
A21 to A0
O
Address output
Data bus
D15 to D0
I/O
16-bit data bus
Chip select
CS0 to CS3
O
Chip select signals indicating the area being
accessed
Read
RD
O
Strobe that indicates the read cycle for ordinary
space/multiplex I/O
Upper write
WRH
O
Strobe that indicates a write cycle to the upper 8 bits
(D15 to D8)
Lower write
WRL
O
Strobe that indicates a write cycle to the lower 8 bits
(D7 to D0)
Wait
WAIT
I
Wait state request signal
Bus request
BREQ
I
Bus release request input
Bus acknowledge
BACK
O
Bus use enable output
Note:
When an 8-bit bus width is selected for external space,
WRL is enabled.
When a 16-bit bus width is selected for external space,
WRH and WRL are enabled.
8.1.4
Register Configuration
The BSC has four registers. These registers are used to control wait states, bus width, and
interfaces with memories like ROM and SRAM, as well as refresh control. The register
configurations are listed in table 8.2.
All registers are 16 bits. All BSC registers are all initialized by a power-on reset and in hardware
standby mode. Values are retained in a manual reset and in software standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com