công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH-2 bảng dữ liệu(PDF) 92 Page - Renesas Technology Corp

tên linh kiện SH-2
Giải thích chi tiết về linh kiện  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 bảng dữ liệu(HTML) 92 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 88Page - Renesas Technology Corp SH-2 Datasheet HTML 89Page - Renesas Technology Corp SH-2 Datasheet HTML 90Page - Renesas Technology Corp SH-2 Datasheet HTML 91Page - Renesas Technology Corp SH-2 Datasheet HTML 92Page - Renesas Technology Corp SH-2 Datasheet HTML 93Page - Renesas Technology Corp SH-2 Datasheet HTML 94Page - Renesas Technology Corp SH-2 Datasheet HTML 95Page - Renesas Technology Corp SH-2 Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 919 page
background image
66
Power-On Reset Initiated by WDT: When a setting is made for a power-on reset to be generated
in the WDT’s watchdog timer mode, and the WDT’s TCNT overflows, the chip enters the power-
on reset state.
The pin function controller (PFC) registers and I/O port registers are not initialized by the reset
signal generated by the WDT (these registers are only initialized by a power-on reset from off-
chip).
If reset caused by the input signal at the
RES pin and a reset caused by WDT overflow occur
simultaneously, the
RES pin reset has priority, and the WOVF bit in RSTCSR is cleared to 0.
When WDT-initiated power-on reset processing is started, the CPU operates as follows:
1. The initial value (execution start address) of the program counter (PC) is fetched from the
exception processing vector table.
2. The initial value of the stack pointer (SP) is fetched from the exception processing vector table.
3. The vector base register (VBR) is cleared to H'00000000 and the interrupt mask bits (I3-I0) of
the status register (SR) are set to H'F (1111).
4. The values fetched from the exception processing vector table are set in the PC and SP, and the
program begins executing.
5.2.3
Manual Reset
When a setting is made for a manual reset to be generated in the WDT’s watchdog timer mode,
and the WDT’s TCNT overflows, the chip enters the power-on reset state.
When WDT-initiated manual reset processing is started, the CPU operates as follows:
1. The initial value (execution start address) of the program counter (PC) is fetched from the
exception processing vector table.
2. The initial value of the stack pointer (SP) is fetched from the exception processing vector table.
3. The vector base register (VBR) is cleared to H'00000000 and the interrupt mask bits (I3-I0) of
the status register (SR) are set to H'F (1111).
4. The values fetched from the exception processing vector table are set in the PC and SP, and the
program begins executing.
In a manual reset the bus cycle is retained, but if a manual reset occurs while the bus is released or
during DMAC burst transfer, manual reset exception processing will be deferred until the CPU
acquires the bus. However, if the interval from generation of the manual reset until the end of the
bus cycle is equal to or longer than the internal manual reset interval of 512 cycles, the internal
manual reset source is ignored instead of being deferred, and manual reset exception processing is
not executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com