| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH-2 bảng dữ liệu(PDF) 87 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH-2 bảng dữ liệu(HTML) 87 Page - Renesas Technology Corp |
|
87 / 919 page ![]() 61 Section 5 Exception Processing 5.1 Overview 5.1.1 Types of Exception Processing and Priority Exception processing is started by four sources: resets, address errors, interrupts and instructions and have the priority shown in table 5.1. When several exception processing sources occur at once, they are processed according to the priority shown. Table 5.1 Types of Exception Processing and Priority Order Exception Source Priority Reset Power-on reset High Manual reset Address CPU address error error DMAC address error Interrupt NMI User break IRQ On-chip peripheral modules: • Direct memory access controller (DMAC) • Advanced timer unit-II (ATU-II) • Compare match timer 0 (CMT0) • A/D converter channel 0 (A/D0) • Compare match timer (CMT1) • A/D converter channel 1 (A/D1) • Serial communication interface (SCI) • Hitachi controller area network (HCAN) • Watchdog timer (WDT) Instructions Trap instruction (TRAPA instruction) General illegal instructions (undefined code) Illegal slot instructions (undefined code placed directly after a delay branch instruction* 1 or instructions that rewrite the PC*2) Low Notes: 1. Delayed branch instructions: JMP, JSR, BRA, BSR, RTS, RTE, BF/S, BT/S, BSRF, BRAF. 2. Instructions that rewrite the PC: JMP, JSR, BRA, BSR, RTS, RTE, BT, BF, TRAPA, BF/S, BT/S, BSRF, BRAF. |