công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH-2 bảng dữ liệu(PDF) 138 Page - Renesas Technology Corp

tên linh kiện SH-2
Giải thích chi tiết về linh kiện  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 bảng dữ liệu(HTML) 138 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 134Page - Renesas Technology Corp SH-2 Datasheet HTML 135Page - Renesas Technology Corp SH-2 Datasheet HTML 136Page - Renesas Technology Corp SH-2 Datasheet HTML 137Page - Renesas Technology Corp SH-2 Datasheet HTML 138Page - Renesas Technology Corp SH-2 Datasheet HTML 139Page - Renesas Technology Corp SH-2 Datasheet HTML 140Page - Renesas Technology Corp SH-2 Datasheet HTML 141Page - Renesas Technology Corp SH-2 Datasheet HTML 142Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 919 page
background image
112
7.5
Usage Notes
7.5.1
Simultaneous Fetching of Two Instructions
Two instructions may be simultaneously fetched from on-chip memory. If a break condition is set
on the second of these two instructions but the contents of the UBC break condition registers are
changed so as to alter the break condition immediately after the first of the two instructions is
fetched, a user break interrupt will still occur when the second instruction is fetched.
7.5.2
Instruction Fetch at Branches
When a conditional branch instruction or TRAPA instruction causes a branch, instructions are
fetched and executed as follows:
1. Conditional branch instruction, branch taken: BT, BF
TRAPA instruction, branch taken: TRAPA
Instruction fetch order:
Branch instruction fetch
→ next instruction overrun fetch →
overrun fetch of instruction after next
→ branch destination
instruction fetch
Instruction execution order: Branch instruction execution
→ branch destination instruction
execution
2. When branching with a delayed conditional instruction: BT/S and BF/S instructions
Instruction fetch order:
Branch instruction fetch
→ next instruction fetch (delay slot) →
overrun fetch of instruction after next
→ branch destination
instruction fetch
Instruction execution order: Branch instruction execution
→ delay slot instruction execution
→ branch destination instruction execution
When a conditional branch instruction or TRAPA instruction causes a branch, the branch
destination will be fetched after the next instruction or the one after that performs an overrun
fetch. However, because the instruction that is the object of the break first breaks after a definite
instruction fetch and execution, the kind of overrun fetch instructions noted above do not become
objects of a break. If data access breaks are also included with instruction fetch breaks as break
conditions, a break occurs because the instruction overrun fetch is also regarded as becoming a
data break.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More