| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F2L358ADFP bảng dữ liệu(PDF) 49 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F2L358ADFP bảng dữ liệu(HTML) 49 Page - Renesas Technology Corp |
|
49 / 848 page ![]() 1. Overview REJ09B0441-0010 Rev.0.10 Jul 30, 2008 Page 13 of 809 Under development Preliminary specification Specifications in this manual are tentative and subject to change. R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group, R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group Table 1.14 Product List for R8C/L3AB Group (D): Under development Figure 1.8 Correspondence of Part No., with Memory Size and Package of R8C/L3AB Group Part No. Internal ROM Capacity Internal RAM Capacity Package Type Remarks R5F2L3A7BNFP (D) 48 Kbytes 6 Kbytes PLQP0100KB-A N Version R5F2L3A7BNFA (D) 48 Kbytes 6 Kbytes PRQP0100JD-B R5F2L3A8BNFP (D) 64 Kbytes 8 Kbytes PLQP0100KB-A R5F2L3A8BNFA (D) 64 Kbytes 8 Kbytes PRQP0100JD-B R5F2L3AABNFP (D) 96 Kbytes 10 Kbytes PLQP0100KB-A R5F2L3AABNFA (D) 96 Kbytes 10 Kbytes PRQP0100JD-B R5F2L3ACBNFP (D) 128 Kbytes 10 Kbytes PLQP0100KB-A R5F2L3ACBNFA (D) 128 Kbytes 10 Kbytes PRQP0100JD-B R5F2L3A7BDFP (D) 48 Kbytes 6 Kbytes PLQP0100KB-A D Version R5F2L3A7BDFA (D) 48 Kbytes 6 Kbytes PRQP0100JD-B R5F2L3A8BDFP (D) 64 Kbytes 8 Kbytes PLQP0100KB-A R5F2L3A8BDFA (D) 64 Kbytes 8 Kbytes PRQP0100JD-B R5F2L3AABDFP (D) 96 Kbytes 10 Kbytes PLQP0100KB-A R5F2L3AABDFA (D) 96 Kbytes 10 Kbytes PRQP0100JD-B R5F2L3ACBDFP (D) 128 Kbytes 10 Kbytes PLQP0100KB-A R5F2L3ACBDFA (D) 128 Kbytes 10 Kbytes PRQP0100JD-B Current of Jul 2008 Part No. R 5 F 2L 3A C B N FP Package type: FP: LQFP (0.50 mm pin pitch) FA: LQFP (0.65 mm pin pitch) Classification N: Operating ambient temperature -20°C to 85°C D: Operating ambient temperature -40°C to 85°C ROM capacity 7: 48 KB 8: 64 KB A: 96 KB C: 128 KB R8C/L3AB Group R8C/Lx Series Memory type F: Flash memory Renesas MCU Renesas semiconductor |