công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3022 bảng dữ liệu(PDF) 294 Page - Renesas Technology Corp

tên linh kiện H8/3022
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 bảng dữ liệu(HTML) 294 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 290Page - Renesas Technology Corp H8/3022 Datasheet HTML 291Page - Renesas Technology Corp H8/3022 Datasheet HTML 292Page - Renesas Technology Corp H8/3022 Datasheet HTML 293Page - Renesas Technology Corp H8/3022 Datasheet HTML 294Page - Renesas Technology Corp H8/3022 Datasheet HTML 295Page - Renesas Technology Corp H8/3022 Datasheet HTML 296Page - Renesas Technology Corp H8/3022 Datasheet HTML 297Page - Renesas Technology Corp H8/3022 Datasheet HTML 298Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 712 page
background image
8. 16-Bit Integrated Timer Unit (ITU)
Rev.2.00 Mar. 22, 2007 Page 270 of 684
REJ09B0352-0200
8.5.3
Interrupt Sources
Each ITU channel can generate a compare match/input capture A interrupt, a compare match/input
capture B interrupt, and an overflow interrupt. In total there are 15 interrupt sources, all
independently vectored. An interrupt is requested when the interrupt request flag and interrupt
enable bit are both set to 1.
The priority order of the channels can be modified in interrupt priority registers A and B (IPRA
and IPRB). For details see section 5, Interrupt Controller.
Table 8.10 lists the interrupt sources.
Table 8.10
ITU Interrupt Sources
Channel
Interrupt Source
Description
Priority*
0
IMIA0
Compare match/input capture A0
High
IMIB0
Compare match/input capture B0
OVI0
Overflow 0
1
IMIA1
Compare match/input capture A1
IMIB1
Compare match/input capture B1
OVI1
Overflow 1
2
IMIA2
Compare match/input capture A2
IMIB2
Compare match/input capture B2
OVI2
Overflow 2
3
IMIA3
Compare match/input capture A3
IMIB3
Compare match/input capture B3
OVI3
Overflow 3
4
IMIA4
Compare match/input capture A4
IMIB4
Compare match/input capture B4
OVI4
Overflow 4
Low
Note: * The priority immediately after a reset is indicated. Inter-channel priorities can be changed by
settings in IPRA and IPRB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com