| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8/3022 bảng dữ liệu(PDF) 5 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3022 bảng dữ liệu(HTML) 5 Page - Renesas Technology Corp |
|
5 / 712 page ![]() Rev.2.00 Mar. 22, 2007 Page v of xxiv REJ09B0352-0200 Preface The H8/3022 Group comprises high-performance single-chip microcomputers (MCUs) that integrate system supporting functions together with an H8/300H CPU core. The H8/300H CPU has a 32-bit internal architecture with sixteen 16-bit general registers, and a concise, optimized instruction set designed for speed. It can address a 16-Mbyte linear address space. The on-chip system supporting functions include ROM, RAM, a 16-bit integrated timer unit (ITU), a programmable timing pattern controller (TPC), a watchdog timer (WDT), a serial communication interface (SCI), an A/D converter, I/O ports, and other facilities. Of the two SCI channels, one has been expanded to support the ISO/IEC 7816-3 smart card interface. Functions have also been added to reduce power consumption in battery-powered applications: individual modules can be placed in standby, and the frequency of the system clock supplied to the chip can be divided down under software control. The five MCU operating modes offer a choice of expanded mode, single-chip mode, and address space size, enabling the H8/3022 Group to adapt quickly and flexibly to a variety of conditions. In addition to its masked-ROM versions, the H8/3022 Group has an F-ZTAT* version with user programmable on-chip flash memory that can be programmed on-board. These versions enable users to respond quickly and flexibly to changing application specifications. This manual describes the H8/3022 Group hardware. For details of the instruction set, refer to the H8/300H Series Programming Manual. Note: * F-ZTAT is a trademark of Renesas Technology Corp. |