| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8/3022 bảng dữ liệu(PDF) 74 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3022 bảng dữ liệu(HTML) 74 Page - Renesas Technology Corp |
|
74 / 712 page ![]() 2. CPU Rev.2.00 Mar. 22, 2007 Page 50 of 684 REJ09B0352-0200 Exception sources Reset Interrupt Trap instruction External interrupts Internal interrupts (from on-chip supporting modules) Figure 2.12 Classification of Exception Sources Exception-handling state Reset state Program execution state Sleep mode Software standby mode Hardware standby mode Power-down state End of exception handling Exception Interrupt SLEEP instruction with SSBY = 0 SLEEP instruction with SSBY = 1 NMI, IRQ , IRQ , or IRQ interrupt STBY = high, RES = low RES = high 01 2 *1 *2 Notes: 1. 2. From any state except hardware standby mode, a transition to the reset state occurs whenever goes low. From any state, a transition to hardware standby mode occurs when goes low. RES STBY Figure 2.13 State Transitions |