công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3022 bảng dữ liệu(PDF) 210 Page - Renesas Technology Corp

tên linh kiện H8/3022
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 bảng dữ liệu(HTML) 210 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 206Page - Renesas Technology Corp H8/3022 Datasheet HTML 207Page - Renesas Technology Corp H8/3022 Datasheet HTML 208Page - Renesas Technology Corp H8/3022 Datasheet HTML 209Page - Renesas Technology Corp H8/3022 Datasheet HTML 210Page - Renesas Technology Corp H8/3022 Datasheet HTML 211Page - Renesas Technology Corp H8/3022 Datasheet HTML 212Page - Renesas Technology Corp H8/3022 Datasheet HTML 213Page - Renesas Technology Corp H8/3022 Datasheet HTML 214Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 712 page
background image
8. 16-Bit Integrated Timer Unit (ITU)
Rev.2.00 Mar. 22, 2007 Page 186 of 684
REJ09B0352-0200
⎯ Complementary PWM mode
If channels 3 and 4 are combined, three-phase PWM output is possible with three pairs of
non-overlapping complementary waveforms.
⎯ Buffering
Input capture registers can be double-buffered. Output compare registers can be updated
automatically.
• High-speed access via internal 16-bit bus
The 16-bit timer counters, general registers, and buffer registers can be accessed at high speed
via a 16-bit bus.
• Fifteen interrupt sources
Each channel has two compare match/input capture interrupts and an overflow interrupt. All
interrupts can be requested independently.
• Output triggering of programmable pattern controller (TPC)
Compare match/input capture signals from channels 0 to 3 can be used as TPC output triggers.
Table 8.1 summarizes the ITU functions.
Table 8.1
ITU Functions
Item
Channel 0
Channel 1
Channel 2
Channel 3
Channel 4
Clock sources
Internal clocks:
φ, φ/2, φ/4, φ/8
External clocks: TCLKA, TCLKB, TCLKC, TCLKD, selectable
independently
General registers
(output compare/
input capture
registers)
GRA0,
GRB0
GRA1,
GRB1
GRA2,
GRB2
GRA3,
GRB3
GRA4,
GRB4
Buffer registers
—
—
—
BRA3,
BRB3
BRA4,
BRB4
Input/output pins
TIOCA
0,
TIOCB
0
TIOCA
1,
TIOCB
1
TIOCA
2,
TIOCB
2
TIOCA
3,
TIOCB
3
TIOCA
4,
TIOCB
4
Output pins
—
—
—
—
TOCXA4,
TOCXB4
Counter clearing
function
GRA0/GRB0
compare
match or
input capture
GRA1/GRB1
compare
match or
input capture
GRA2/GRB2
compare
match or
input capture
GRA3/GRB3
compare
match or
input capture
GRA4/GRB4
compare
match or
input capture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com