| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8/3022 bảng dữ liệu(PDF) 128 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3022 bảng dữ liệu(HTML) 128 Page - Renesas Technology Corp |
|
128 / 712 page ![]() 5. Interrupt Controller Rev.2.00 Mar. 22, 2007 Page 104 of 684 REJ09B0352-0200 5.5.2 Instructions that Inhibit Interrupts The LDC, ANDC, ORC, and XORC instructions inhibit interrupts. When an interrupt occurs, after determining the interrupt priority, the interrupt controller requests a CPU interrupt. If the CPU is currently executing one of these interrupt-inhibiting instructions, however, when the instruction is completed the CPU always continues by executing the next instruction. 5.5.3 Interrupts during EEPMOV Instruction Execution The EEPMOV.B and EEPMOV.W instructions differ in their reaction to interrupt requests. When the EEPMOV.B instruction is executing a transfer, no interrupts are accepted until the transfer is completed, not even NMI. When the EEPMOV.W instruction is executing a transfer, interrupt requests other than NMI are not accepted until the transfer is completed. If NMI is requested, NMI exception handling starts at a transfer cycle boundary. The PC value saved on the stack is the address of the next instruction. Programs should be coded as follows to allow for NMI interrupts during EEPMOV.W execution: L1: EEPMOV.W MOV.W R4, R4 BNE L1 5.5.4 Usage Notes The IRQnF flag specification calls for the flag to be cleared by writing 0 to it after it has been read while set to 1. However, it is possible for the IRQnF flag to be cleared by mistake simply by writing 0 to it, irrespective of whether it has been read while set to 1, with the result that interrupt exception handling is not executed. This will occur when the following conditions are met. 1 Setting conditions (1) Multiple external interrupts (IRQa, IRQb) are being used. (2) Different clearing methods are being used: clearing by writing 0 for the IRQaF flag, and clearing by hardware for the IRQbF flag. (3) A bit-manipulation instruction is used on the IRQ status register for clearing the IRQaF flag, or else ISR is read as a byte unit, the IRQaF flag bit is cleared, and the values read in the other bits are written as a byte unit. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |