công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3022 bảng dữ liệu(PDF) 439 Page - Renesas Technology Corp

tên linh kiện H8/3022
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 bảng dữ liệu(HTML) 439 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 435Page - Renesas Technology Corp H8/3022 Datasheet HTML 436Page - Renesas Technology Corp H8/3022 Datasheet HTML 437Page - Renesas Technology Corp H8/3022 Datasheet HTML 438Page - Renesas Technology Corp H8/3022 Datasheet HTML 439Page - Renesas Technology Corp H8/3022 Datasheet HTML 440Page - Renesas Technology Corp H8/3022 Datasheet HTML 441Page - Renesas Technology Corp H8/3022 Datasheet HTML 442Page - Renesas Technology Corp H8/3022 Datasheet HTML 443Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 439 / 712 page
background image
12. Smart Card Interface
Rev.2.00 Mar. 22, 2007 Page 415 of 684
REJ09B0352-0200
With the above processing, interrupt servicing is possible.
If reception ends and the RDRF flag is set to 1 while the RIE bit is set to 1 and interrupt requests
are enabled, a receive data full interrupt (RXI) request will be generated. If an error occurs in
reception and either the ORER flag or the PER flag is set to 1, a transfer error interrupt (ERI)
request will be generated.
For details, see Interrupt Operation below.
If a parity error occurs during reception and the PER is set to 1, the received data is still
transferred to RDR, and therefore this data can be read.
Mode Switching Operation: When switching from receive mode to transmit mode, first confirm
that the receive operation has been completed, then start from initialization, clearing RE bit to 0
and setting TE bit to 1. The RDRF flag or the PER and ORER flags can be used to check that the
receive operation has been completed.
When switching from transmit mode to receive mode, first confirm that the transmit operation has
been completed, then start from initialization, clearing TE bit to 0 and setting RE bit to 1. The
TEND flag can be used to check that the transmit operation has been completed.
Interrupt Operation: There are three interrupt sources in smart card interface mode: transmit
data empty interrupt (TXI) requests, transfer error interrupt (ERI) requests, and receive data full
interrupt (RXI) requests. The transmit end interrupt (TEI) request is not used in this mode.
When the TEND flag in SSR is set to 1, a TXI interrupt request is generated.
When the RDRF flag in SSR is set to 1, an RXI interrupt request is generated.
When any of flags ORER, PER, and ERS in SSR is set to 1, an ERI interrupt request is generated.
The relationship between the operating states and interrupt sources is shown in table 12.8.
Table 12.8
Smart Card Mode Operating States and Interrupt Sources
Operating State
Flag
Mask Bit
Interrupt Source
Transmit
Mode
Normal
operation
TEND
TIE
TXI
Error
ERS
RIE
ERI
Receive
Mode
Normal
operation
RDRF
RIE
RXI
Error
PER, ORER
RIE
ERI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com