công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 911 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 911 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 907Page - Renesas Technology Corp H8S/2114R Datasheet HTML 908Page - Renesas Technology Corp H8S/2114R Datasheet HTML 909Page - Renesas Technology Corp H8S/2114R Datasheet HTML 910Page - Renesas Technology Corp H8S/2114R Datasheet HTML 911Page - Renesas Technology Corp H8S/2114R Datasheet HTML 912Page - Renesas Technology Corp H8S/2114R Datasheet HTML 913Page - Renesas Technology Corp H8S/2114R Datasheet HTML 914Page - Renesas Technology Corp H8S/2114R Datasheet HTML 915Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 911 / 1038 page
background image
Section 24 Power-Down Modes
Rev. 3.00 Jul. 14, 2005 Page 863 of 986
REJ09B0098-0300
Bit
Bit Name
Initial
Value
R/W
Description
6
LSON
0
R/W
Low-Speed On Flag
Specifies the operating mode to be entered after executing the
SLEEP instruction. This bit also controls whether to shift to
high-speed mode or subactive mode when watch mode is
cancelled.
When the SLEEP instruction is executed in high-speed mode or
medium-speed mode:
0: Shifts to sleep mode, software standby mode, or watch
mode
1: Shifts to watch mode or subactive mode
When the SLEEP instruction is executed in subactive mode:
0: Shifts directly to watch mode or high-speed mode
1: Shifts to subsleep mode or watch mode
When watch mode is cancelled:
0: Shifts to high-speed mode
1: Shifts to subactive mode
5
NESEL
0
R/W
Noise Elimination Sampling Frequency Select
Selects the frequency by which the subclock (
φSUB) input from
the EXCL or ExEXCL pin is sampled using the clock (
φ)
generated by the system clock pulse generator. Clear this bit to
0 when
φ is 5 MHz or more.
0: Sampling using
φ/32 clock
1: Sampling using
φ/4 clock
4
EXCLE
0
R/W
Subclock Input Enable
Enables or disables subclock input from the EXCL or ExEXCL
pin.
0: Disables subclock input from the EXCL or ExEXCL pin
1: Enables subclock input from the EXCL or ExEXCL pin
3 to 0
All 0
R/W
Reserved
The initial value should not be changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com