công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 910 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 910 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 906Page - Renesas Technology Corp H8S/2114R Datasheet HTML 907Page - Renesas Technology Corp H8S/2114R Datasheet HTML 908Page - Renesas Technology Corp H8S/2114R Datasheet HTML 909Page - Renesas Technology Corp H8S/2114R Datasheet HTML 910Page - Renesas Technology Corp H8S/2114R Datasheet HTML 911Page - Renesas Technology Corp H8S/2114R Datasheet HTML 912Page - Renesas Technology Corp H8S/2114R Datasheet HTML 913Page - Renesas Technology Corp H8S/2114R Datasheet HTML 914Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 910 / 1038 page
background image
Section 24 Power-Down Modes
Rev. 3.00 Jul. 14, 2005 Page 862 of 986
REJ09B0098-0300
Table 24.1
Operating Frequency and Wait Time
STS2 STS1 STS0 Wait Time
20 MHz
10 MHz
8 MHz
6 MHz
4 MHz
Unit
0
0
0
8192 states
0.4
0.8
1.0
1.3
2.0
0
0
1
16384 states
0.8
1.6
2.0
2.7
4.1
0
1
0
32768 states
1.6
3.3
4.1
5.5
8.2
0
1
1
65536 states
3.3
6.6
8.2
10.9
16.4
1
0
0
131072 states
6.6
13.1
16.4
21.8
32.8
1
0
1
262144 states
13.1
26.2
32.8
43.6
65.6
ms
1
1
0
Reserved
1
1
1
16 states*
0.8
1.6
2.0
2.7
4.0
µs
Recommended specification
Note:
*
Setting prohibited.
24.1.2
Low-Power Control Register (LPWRCR)
LPWRCR controls power-down modes.
Bit
Bit Name
Initial
Value
R/W Description
7
DTON
0
R/W Direct Transfer On Flag
Specifies the operating mode to be entered after executing the
SLEEP instruction.
When the SLEEP instruction is executed in high-speed mode or
medium-speed mode:
0: Shifts to sleep mode, software standby mode, or watch mode
1: Shifts directly to subactive mode, or shifts to sleep mode or
software standby mode
When the SLEEP instruction is executed in subactive mode:
0: Shifts to subsleep mode or watch mode
1: Shifts directly to high-speed mode, or shifts to subsleep mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com