công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 759 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 759 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 755Page - Renesas Technology Corp H8S/2114R Datasheet HTML 756Page - Renesas Technology Corp H8S/2114R Datasheet HTML 757Page - Renesas Technology Corp H8S/2114R Datasheet HTML 758Page - Renesas Technology Corp H8S/2114R Datasheet HTML 759Page - Renesas Technology Corp H8S/2114R Datasheet HTML 760Page - Renesas Technology Corp H8S/2114R Datasheet HTML 761Page - Renesas Technology Corp H8S/2114R Datasheet HTML 762Page - Renesas Technology Corp H8S/2114R Datasheet HTML 763Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 759 / 1038 page
background image
Section 18 LPC Interface (LPC)
Rev. 3.00 Jul. 14, 2005 Page 711 of 986
REJ09B0098-0300
18.5.2
SMI, HIRQ1, HIRQ6, HIRQ9, HIRQ10, HIRQ11, and HIRQ12
The LPC interface can request seven kinds of host interrupt by means of SERIRQ. HIRQ1 and
HIRQ12 are used on LPC channel 1 only, while SMI, HIRQ6, HIRQ9, HIRQ10, and HIRQ11 can
be requested from LPC channel 2, 3, or 4.
There are two ways of clearing a host interrupt request.
When the IEDIR bit in SIRQCR0is cleared to 0, host interrupt sources and LPC channels are all
linked to the host interrupt request enable bits. When the OBF flag is cleared to 0 by a read of
ODR or TWR15 by the host in the corresponding LPC channel, the corresponding host interrupt
enable bit is automatically cleared to 0, and the host interrupt request is cleared.
When the IEDIR bit is set to 1 in SIRQCR0, a host interrupt is requested by the only upon the host
interrupt enable bits. The host interrupt enable bit is not cleared when OBF is cleared. Therefore,
SMIE1, SMIE2, SMIE3A and SMIE3B, SMIE, IRQ10En, and IRQ11En lose their respective
functional differences. In order to clear a host interrupt request, it is necessary to clear the host
interrupt enable bit. (n = 2 to 4.)
Table 18.13 summarizes the methods of setting and clearing these bits, and figure 18.17 shows the
processing flowchart.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com