công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 758 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 758 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 754Page - Renesas Technology Corp H8S/2114R Datasheet HTML 755Page - Renesas Technology Corp H8S/2114R Datasheet HTML 756Page - Renesas Technology Corp H8S/2114R Datasheet HTML 757Page - Renesas Technology Corp H8S/2114R Datasheet HTML 758Page - Renesas Technology Corp H8S/2114R Datasheet HTML 759Page - Renesas Technology Corp H8S/2114R Datasheet HTML 760Page - Renesas Technology Corp H8S/2114R Datasheet HTML 761Page - Renesas Technology Corp H8S/2114R Datasheet HTML 762Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 758 / 1038 page
background image
Section 18 LPC Interface (LPC)
Rev. 3.00 Jul. 14, 2005 Page 710 of 986
REJ09B0098-0300
18.5
Interrupt Sources
18.5.1
IBFI1, IBFI2, IBFI3, IBFI4, LMC, LMCUI, and ERRI
The host has seven interrupt requests for the slave (this LSI): IBF1, IBF2, IBF3, IBF4, LMC,
LMCUI, and ERRI. IBFI1, IBFI2, IBFI3, and IBFI4 are IDR receive complete interrupts for
IDR1, IDR2, and IDR3 and TWR, respectively. The ERRI interrupt indicates the occurrence of a
special state such as an LPC reset, LPC shutdown, or transfer cycle abort. The LMCI and LMCUI
interrupts are command receive complete interrupts. An interrupt request is enabled by setting the
corresponding enable bit.
Table 18.12 Receive Complete Interrupts and Error Interrupt
Interrupt
Description
IBFI1
When IBFIE1 is set to 1 and IDR1 reception is completed
IBFI2
When IBFIE2 is set to 1 and IDR2 reception is completed
IBFI3
When IBFIE3 is set to 1 and IDR3 reception is completed, or when TWRE and
IBFIE3 are set to 1 and reception is completed up to TWR15
IBFI4
When IBFIE4 is set to 1 and IDR4 reception is completed
LMCI
• When the FLPI bit is set to 1 with the FLPIE and FLASHE bits set to 1
• When the FLEI bit is set to 1 with the FLEIE and FLASHE bits set to 1
• When the BUFINI bit is set to 1 with the BUFINIE bit set to 1
LMCUI
When the USERI bit is set to 1 with the USERIE bit set to 1.
ERRI
When ERRIE is set to 1 and one of LRST, SDWN and ABRT is set to 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com