công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 598 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 598 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 594Page - Renesas Technology Corp H8S/2114R Datasheet HTML 595Page - Renesas Technology Corp H8S/2114R Datasheet HTML 596Page - Renesas Technology Corp H8S/2114R Datasheet HTML 597Page - Renesas Technology Corp H8S/2114R Datasheet HTML 598Page - Renesas Technology Corp H8S/2114R Datasheet HTML 599Page - Renesas Technology Corp H8S/2114R Datasheet HTML 600Page - Renesas Technology Corp H8S/2114R Datasheet HTML 601Page - Renesas Technology Corp H8S/2114R Datasheet HTML 602Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 598 / 1038 page
background image
Section 16 I
2C Bus Interface (IIC)
Rev. 3.00 Jul. 14, 2005 Page 550 of 986
REJ09B0098-0300
SDA
(master output)
SDA
(slave output)
2
1
2
1
4
36
58
79
Bit 7
Bit 6
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
IRIC
IRTR
ICDR
SCL
(master output)
Data 1
[1] TRS cleared to 0
IRIC cleard to 0
[6] IRIC clear
[5] ICDR read
(Data 1)
[6] IRIC clear
(to end wait insertion)
User processing
Bit 5
Bit 4
Bit 3
5
4
3
9
Data 1
Data 2
[3]
[3]
A
[2] ICDR read
(dummy read)
Master tansmit mode
Master receive mode
A
[4]IRTR=0
[4] IRTR=1
Figure 16.15 Example of Master Receive Mode Operation Timing
(MLS = ACKB = 0, WAIT = 1)
SDA
(master output)
SDA
(slave output)
2
1
4
3
6
5
8
7
9
9
8
A
A
Bit 7
Bit 0
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
IRIC
IRTR
ICDR
SCL
(master output)
Data 3
Data 2
Data 1
Data 2
Data 3
[6] IRIC clear
(to end wait
insertion)
[8]
Wait for one clock pulse
[11] IRIC clear
[14] IRIC clear
(to end wait
insertion)
[16] ICDR read
(Data 3)
User processing
[12]
[3]
[10] ICDR read (Data 2)
[9] Set TRS=1
[7] Set ACKB=1
[15] WAIT cleared
to 0, IRIC clear
[17] Stop condition
issuance
Bit 0
Stop condition generation
[13] IRTR=1
[13] IRTR=0
[12]
[4] IRTR=1
[4] IRTR=0
[3]
Figure 16.16 Example of Stop Condition Issuance Timing in Master Receive Mode
(MLS = ACKB = 0, WAIT = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com