công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 595 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 595 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 591Page - Renesas Technology Corp H8S/2114R Datasheet HTML 592Page - Renesas Technology Corp H8S/2114R Datasheet HTML 593Page - Renesas Technology Corp H8S/2114R Datasheet HTML 594Page - Renesas Technology Corp H8S/2114R Datasheet HTML 595Page - Renesas Technology Corp H8S/2114R Datasheet HTML 596Page - Renesas Technology Corp H8S/2114R Datasheet HTML 597Page - Renesas Technology Corp H8S/2114R Datasheet HTML 598Page - Renesas Technology Corp H8S/2114R Datasheet HTML 599Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 595 / 1038 page
background image
Section 16 I
2C Bus Interface (IIC)
Rev. 3.00 Jul. 14, 2005 Page 547 of 986
REJ09B0098-0300
End
Set HNDS = 0 in ICXR
Set WAIT = 0 in ICMR
Set WAIT = 0 in ICMR
Set ACKB = 0 in ICSR
Set ACKB = 1 in ICSR
Read ICDR
Clear IRIC flag in ICCR
Clear IRIC flag in ICCR
Clear IRIC flag in ICCR
Read IRIC flag in ICCR
Read ICDR
Read IRIC flag in ICCR
IRIC = 1?
Yes
No
No
IRIC = 1?
Yes
[1] Select receive mode.
[2] Start receiving. The first read
is a dummy read.
[3] Wait for a receive wait
(Set IRIC at the fall of the 8th clock)
[15] Clear wait mode.
Clear IRIC flag.
( IRIC flag should be cleared to 0
after setting WAIT = 0.)
[14] Clear IRIC flag.
(to end the wait insertion)
[12] Wait for 1 byte to be received.
(Set IRIC at the rise of the 9th clock)
[9] Set TRS for stop condition issuance
[7] Set acknowledge data for
the last reception.
[16] Read the last receive data
Slave receive mode
Set TRS = 0 in ICCR
Set TRS = 1 in ICCR
[17] Generate stop condition
Set BBSY = 0 and
SCP = 0 in ICCR
Figure 16.14 Sample Flowchart for Operations in Master Receive Mode
(receiving a single byte) (WAIT = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com