công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 590 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 590 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 586Page - Renesas Technology Corp H8S/2114R Datasheet HTML 587Page - Renesas Technology Corp H8S/2114R Datasheet HTML 588Page - Renesas Technology Corp H8S/2114R Datasheet HTML 589Page - Renesas Technology Corp H8S/2114R Datasheet HTML 590Page - Renesas Technology Corp H8S/2114R Datasheet HTML 591Page - Renesas Technology Corp H8S/2114R Datasheet HTML 592Page - Renesas Technology Corp H8S/2114R Datasheet HTML 593Page - Renesas Technology Corp H8S/2114R Datasheet HTML 594Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 590 / 1038 page
background image
Section 16 I
2C Bus Interface (IIC)
Rev. 3.00 Jul. 14, 2005 Page 542 of 986
REJ09B0098-0300
End
Set TRS = 0 in ICCR
Set ACKB = 1 in ICSR
Read IRIC flag in ICCR
Clear IRIC flag in ICCR
Clear IRIC flag in ICCR
Clear IRIC flag in ICCR
Set HNDS = 1 in ICXR
Set BBSY = 0 and
SCP = 0 in ICCR
IRIC = 1?
No
Yes
Yes
Read ICDR
No
[4] Clear IRIC flag.
[1] Select receive mode.
[2] Start receiving. The first read is a dummy read.
[5] Read the receive data (for the second and subsequent read)
[3] Wait for 1 byte to be received.
(Set IRIC at the rise of the 9th clock for the receive frame)
[6] Set acknowledge data for the last reception.
[10] Read the receive data.
[9] Clear IRIC flag.
[7] Read the receive data.
Dummy read to start receiving if the first frame is
the last receive data.
[11] Set stop condition issuance.
Generate stop condition.
Master receive mode
Read IRIC flag in ICCR
IRIC = 1?
No
Yes
[8] Wait for 1 byte to be received.
Set ACKB = 0 in ICSR
Last receive?
Read ICDR
Read ICDR
Set TRS = 1 in ICCR
Figure 16.10 Sample Flowchart for Operations in Master Receive Mode
(HNDS = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com