công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 586 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 586 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 582Page - Renesas Technology Corp H8S/2114R Datasheet HTML 583Page - Renesas Technology Corp H8S/2114R Datasheet HTML 584Page - Renesas Technology Corp H8S/2114R Datasheet HTML 585Page - Renesas Technology Corp H8S/2114R Datasheet HTML 586Page - Renesas Technology Corp H8S/2114R Datasheet HTML 587Page - Renesas Technology Corp H8S/2114R Datasheet HTML 588Page - Renesas Technology Corp H8S/2114R Datasheet HTML 589Page - Renesas Technology Corp H8S/2114R Datasheet HTML 590Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 586 / 1038 page
background image
Section 16 I
2C Bus Interface (IIC)
Rev. 3.00 Jul. 14, 2005 Page 538 of 986
REJ09B0098-0300
Start
Initialize IIC
Set MST = 1 and
TRS = 1 in ICCR
Set BBSY =1 and
SCP = 0 in ICCR
Write transmit data in ICDR
Clear IRIC flag in ICCR
No
No
Yes
Yes
Yes
Yes
No
No
[1] Initialization
[3] Select master transmit mode.
[4] Start condition issuance
[6] Set transmit data for the first byte
(slave address + R/
W).
(After writing to ICDR, clear IRIC flag
continuously.)
[9] Set transmit data for the second and
subsequent bytes.
(After writing to ICDR, clear IRIC flag
continuously.)
[2] Test the status of the SCL and SDA lines.
[7] Wait for 1 byte to be transmitted.
[10] Wait for 1 byte to be transmitted.
[11] Determine end of tranfer
[12] Stop condition issuance
[8] Test the acknowledge bit
transferred from the slave device.
[5] Wait for a start condition generation
Read IRIC flag in ICCR
Read ACKB bit in ICSR
IRIC = 1?
ACKB = 0?
Transmit mode?
Write transmit data in ICDR
Clear IRIC flag in ICCR
Read IRIC flag in ICCR
Read ACKB bit in ICSR
Clear IRIC flag in ICCR
End of transmission?
(ACKB = 1?)
Set BBSY = 0 and
SCP = 0 in ICCR
End
Read BBSY flag in ICCR
BBSY = 0?
Yes
No
Read IRIC flag in ICCR
IRIC = 1?
Yes
No
Yes
No
IRIC = 1?
Master receive mode
Figure 16.7 Sample Flowchart for Operations in Master Transmit Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com