| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M32C/86 bảng dữ liệu(PDF) 89 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/86 bảng dữ liệu(HTML) 89 Page - Renesas Technology Corp |
|
89 / 505 page ![]() Page 66 9 7 4 f o 5 0 0 2 , 8 0 . p e S 0 0 . 1 . v e R 0 0 1 0 - 4 0 2 0 B 9 0 J E R 8. Bus ) T 6 8 / C 2 3 M , 6 8 / C 2 3 M ( p u o r G 6 8 / C 2 3 M Figure 8.8 Bus Cycle with Multiplexed Bus (2) LA WD LA RD LA WD RD LA WD RD LA WD RD LA LA LA LA : Latch Address RD : Read Data WD : Write Data • Bus Cycle 3 φ + 3φ 1 bus cycle = 6 φ • Bus Cycle 3 φ + 4φ 1 bus cycle = 7 φ • Bus Cycle 3 φ + 5φ 1 bus cycle = 8 φ • Bus Cycle 3 φ + 6φ 1 bus cycle = 9 φ i=0 to 3 NOTES: 1. When the microcomputer continuously accesses the same CS area, the CSi pin provides an "L" signal continuously. BCLK CSi (1) Data (Read) RD Data (Write) WR (WRL) ALE BCLK CSi (1) Data (Read) RD Data (Write) WR (WRL) ALE BCLK CSi (1) Data (Read) RD Data (Write) WR (WRL) ALE BCLK CSi (1) Data (Read) RD Data (Write) WR (WRL) ALE |