công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 738 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 738 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 734Page - Renesas Technology Corp H8S/20203 Datasheet HTML 735Page - Renesas Technology Corp H8S/20203 Datasheet HTML 736Page - Renesas Technology Corp H8S/20203 Datasheet HTML 737Page - Renesas Technology Corp H8S/20203 Datasheet HTML 738Page - Renesas Technology Corp H8S/20203 Datasheet HTML 739Page - Renesas Technology Corp H8S/20203 Datasheet HTML 740Page - Renesas Technology Corp H8S/20203 Datasheet HTML 741Page - Renesas Technology Corp H8S/20203 Datasheet HTML 742Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 738 / 992 page
background image
Section 20 Serial Communication Interface 3 (SCI3, IrDA)
Rev. 1.00 Oct. 03, 2008 Page 712 of 962
REJ09B0465-0100
Yes
<End>
No
Start transmission/reception
[3]
Overrun error processing
[4]
Read receive data in RDR
Yes
No
OER = 1?
Is data transfer continued?
[1]
Read TDRE flag in SSR
No
Yes
TDRE = 1
Write transmit data to TDR
No
Yes
RDRF = 1?
Read OER flag in SSR
[2]
Read RDRF flag in SSR
Clear TE and RE bits in SCR to 0
[1]
Read SSR and check that the TDRE
flag is set to 1, then write transmit
data to TDR.
When data is written to TDR, the
TDRE flag is automatically cleared to
0.
[2]
Read SSR and check that the RDRF
flag is set to 1, then read the receive
data in RDR.
When data is read from RDR, the
RDRF flag is automatically cleared to
0.
[3]
To continue data transmission/
reception, before the MSB (bit 7) of
the current frame is received, finish
reading the RDRF flag, reading RDR.
Also, before the MSB (bit 7) of the
current frame is transmitted, read 1
from the TDRE flag to confirm that
writing is possible. Then write data to
TDR.
When data is written to TDR, the
TDRE flag is automatically cleared to
0. When data is read from RDR, the
RDRF flag is automatically cleared to
0.
If data is transferred to TDR by the
DTC with a transmit data empty
interrupt (TXI) request, the TDRE
flag is automatically checked and
cleared. If RDR data is transferred
by the DTC with a receive data full
iterrupt (RXI) request, the RDRF
flag is automatically cleared.
[4]
If an overrun error occurs, read the
OER flag in SSR, and after
performing the appropriate error
processing, clear the OER flag to 0.
Transmission/reception cannot be
resumed if the OER flag is set to 1.
For overrun error processing, see
figure 20.13.
Figure 20.14 Sample Flowchart of Simultaneous Transmit and Receive Operations
(Clocked Synchronous Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com