công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 741 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 741 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 737Page - Renesas Technology Corp H8S/20203 Datasheet HTML 738Page - Renesas Technology Corp H8S/20203 Datasheet HTML 739Page - Renesas Technology Corp H8S/20203 Datasheet HTML 740Page - Renesas Technology Corp H8S/20203 Datasheet HTML 741Page - Renesas Technology Corp H8S/20203 Datasheet HTML 742Page - Renesas Technology Corp H8S/20203 Datasheet HTML 743Page - Renesas Technology Corp H8S/20203 Datasheet HTML 744Page - Renesas Technology Corp H8S/20203 Datasheet HTML 745Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 741 / 992 page
background image
Section 20 Serial Communication Interface 3 (SCI3, IrDA)
Rev. 1.00 Oct. 03, 2008 Page 715 of 962
REJ09B0465-0100
No
<End>
Yes
Start transmission
Read TDRE flag in SSR
[1]
Set MPBT bit in SSR
Yes
No
No
Yes
Read TEND flag in SSR
[2]
No
Yes
[3]
Clear PDR to 0, set PCR to 1
and clear PMR to 0
Clear TE bit in SCR3 to 0
TDRE = 1
Is data transmission continued?
TEND = 1
Break output?
Write transmit data to TDR
[1]
Read SSR and check that the TDRE
flag is set to 1, set the MPBT bit in
SSR to 0 or 1, then write transmit
data to TDR. When data is written to
TDR, the TDRE flag is automatically
cleared to 0.
[2]
To continue data transmission, be
sure to read 1 from the TDRE flag to
confirm that writing is possible, then
write data to TDR. When data is
written to TDR, the TDRE flag is
automatically cleared to 0.
If data is transferred to TDR by the
DTC with a transmit data empty
interrupt (TXI) request, the TDRE flag
is automatically checked and cleared.
[3]
To output a break in serial
transmission, set the port PCR to 1,
clear PDR and PMR to 0, then clear
the TE bit in SCR3 to 0.
Figure 20.16 Sample Flowchart for Multiprocessor Data Transmission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com