công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 736 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 736 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 732Page - Renesas Technology Corp H8S/20203 Datasheet HTML 733Page - Renesas Technology Corp H8S/20203 Datasheet HTML 734Page - Renesas Technology Corp H8S/20203 Datasheet HTML 735Page - Renesas Technology Corp H8S/20203 Datasheet HTML 736Page - Renesas Technology Corp H8S/20203 Datasheet HTML 737Page - Renesas Technology Corp H8S/20203 Datasheet HTML 738Page - Renesas Technology Corp H8S/20203 Datasheet HTML 739Page - Renesas Technology Corp H8S/20203 Datasheet HTML 740Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 736 / 992 page
background image
Section 20 Serial Communication Interface 3 (SCI3, IrDA)
Rev. 1.00 Oct. 03, 2008 Page 710 of 962
REJ09B0465-0100
Yes
<End>
No
Start reception
[1]
[4]
No
Yes
Read RDRF flag in SSR
[2]
[3]
Clear RE bit in SCR3 to 0
Overrun error processing
(Continued below)
Read receive data in RDR
Yes
No
OER = 1
RDRF = 1
Is data reception continued?
Read OER flag in SSR
<End>
Overrun error processing
Overrun error processing
Clear OER flag in SSR to 0
[4]
[1]
Read the OER flag in SSR to determine if
there is an error. If an overrun error has
occurred, execute overrun error processing.
[2]
Read SSR and check that the RDRF flag is
set to 1, then read the receive data in RDR.
When data is read from RDR, the RDRF
flag is automatically cleared to 0.
If RDR data is transferred by the DTC with a
receive data full interrupt (RXI) request, the
RDRF flag is cleared automatically.
[3]
To continue data reception, before the MSB
(bit 7) of the current frame is received,
reading the RDRF flag and reading RDR
should be finished. When data is read from
RDR, the RDRF flag is automatically
cleared to 0.
[4]
If an overrun error occurs, read the OER
flag in SSR, and after performing the
appropriate error processing, clear the OER
flag to 0. Reception cannot be resumed if
the OER flag is set to 1.
Figure 20.13 Sample Flowchart for Data Reception (Clocked Synchronous Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com