| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/20203 bảng dữ liệu(PDF) 732 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/20203 bảng dữ liệu(HTML) 732 Page - Renesas Technology Corp |
|
732 / 992 page ![]() Section 20 Serial Communication Interface 3 (SCI3, IrDA) Rev. 1.00 Oct. 03, 2008 Page 706 of 962 REJ09B0465-0100 20.4 Operation in Clocked Synchronous Mode Figure 20.9 shows the format for clocked synchronous communication. In clocked synchronous mode, data is transmitted or received synchronous with clock pulses. A single character in the transmit data consists of the 8-bit data starting from the LSB. In transmission, data is output from one falling edge of the synchronization clock to the next. In reception, data is received in synchronization with the rising edge of the synchronization clock. After 8-bit data is output, the transmission line holds the MSB state. In clocked synchronous mode, no parity or multiprocessor bit is added. Inside the SCI3, the transmitter and receiver are independent units, enabling full- duplex communication through the use of a common clock. Both the transmitter and the receiver also have a double-buffered structure, so data can be read or written during transmission or reception, enabling continuous data transfer. Don’t care Don’t care One unit of transfer data (character or frame) 8 bits Bit 0 Serial data Synchronization clock Bit 1 Bit 3 Bit 4 Bit 5 LSB MSB Bit 2 Bit 6 Bit 7 * * Note: * High except in continuous transfer Figure 20.9 Data Format in Clocked Synchronous Communication 20.4.1 Clock Either an internal clock generated by the on-chip baud rate generator or an external synchronization clock input at the SCK3 pin can be selected, according to the setting of the COM bit in SMR and CKE0 and CKE1 bits in SCR3. When the SCI3 is operated on an internal clock, the synchronization clock is output from the SCK3 pin. Eight synchronization clock pulses are output in the transfer of one character, and when no transfer is performed the clock is fixed high. 20.4.2 SCI3 Initialization Before transmitting and receiving data, the SCI3 should be initialized as described in a sample flowchart in figure 20.4. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |