công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 546 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 546 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 542Page - Renesas Technology Corp H8S/20203 Datasheet HTML 543Page - Renesas Technology Corp H8S/20203 Datasheet HTML 544Page - Renesas Technology Corp H8S/20203 Datasheet HTML 545Page - Renesas Technology Corp H8S/20203 Datasheet HTML 546Page - Renesas Technology Corp H8S/20203 Datasheet HTML 547Page - Renesas Technology Corp H8S/20203 Datasheet HTML 548Page - Renesas Technology Corp H8S/20203 Datasheet HTML 549Page - Renesas Technology Corp H8S/20203 Datasheet HTML 550Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 546 / 992 page
background image
Section 16 Timer RD
Rev. 1.00 Oct. 03, 2008 Page 520 of 962
REJ09B0465-0100
Bit
Symbol
Bit Name
Description
R/W
2 to 0 TPSC[2:0]
*
3*4
Time
prescaler 2 to
0
000: Internal clock: count by
φ
001: Internal clock: count by
φ/2
010: Internal clock: count by
φ/4
011: Internal clock: count by
φ/8
100: Internal clock: count by
φ/32
101: External clock: count by FTIOA0 (TCLK) pin
input
110: Internal clock: count by
φ40M
111: Reserved (setting prohibited)
R/W
[Legend]
X:
Don't care
Notes: 1. When GR functions as an output compare register, TRDCNT is cleared by compare
match. When GR functions as input capture, TRDCNT is cleared by input capture.
2. Synchronous operation is set by TRDMDR.
3. If the internal
φ/40 clock is selected, the high-speed on-chip oscillator must be
operating. As long as the internal
φ40 clock is selected, do not stop the high-speed on-
chip oscillator. When the counter clock is switched over, the counter should be halted.
4. When the internal
φ40 clock is selected, restrictions on access to registers are applied.
For details, see section 16.5, Usage Notes. (11) Restrictions on Access to Registers
when Internal
φ40 Clock is Selected as Counter Clock.
TRDCR selects a TRDCNT counter clock, an edge when an external clock is selected, and counter
clearing sources. Timer RD has a total of two TRDCR registers, one for each channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com