công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 544 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 544 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 540Page - Renesas Technology Corp H8S/20203 Datasheet HTML 541Page - Renesas Technology Corp H8S/20203 Datasheet HTML 542Page - Renesas Technology Corp H8S/20203 Datasheet HTML 543Page - Renesas Technology Corp H8S/20203 Datasheet HTML 544Page - Renesas Technology Corp H8S/20203 Datasheet HTML 545Page - Renesas Technology Corp H8S/20203 Datasheet HTML 546Page - Renesas Technology Corp H8S/20203 Datasheet HTML 547Page - Renesas Technology Corp H8S/20203 Datasheet HTML 548Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 544 / 992 page
background image
Section 16 Timer RD
Rev. 1.00 Oct. 03, 2008 Page 518 of 962
REJ09B0465-0100
GR are 16-bit registers. Timer RD has eight general registers (GR), four for each channel. The GR
registers are dual function 16-bit readable/writable registers, functioning as either output compare
or input capture registers. Functions can be switched by TRDIORA and TRDIORC.
The values in GR and TRDCNT are constantly compared with each other when the GR registers
are used as output compare registers. When the both values match, the IMFA to IMFD flags in
TRDSR are set to 1. Compare match outputs can be selected by TRDIORA and TRDIORC.
When the GR registers are used as input capture registers, the TRDCNT value is stored after
detecting external signals. At this point, IMFA to IMFD flags in the corresponding TRDSR are set
to 1. Detection edges for input capture signals can be selected by TRDIORA and TRDIORC.
When PWM mode, complementary PWM mode, or reset synchronous PWM mode is selected, the
values in TRDIORA and TRDIORC are ignored. Upon reset, the GR registers are set as output
compare registers (no output) and initialized to H'FFFF. The GR registers cannot be accessed in 8-
bit units; they must always be accessed as a 16-bit unit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com