công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 549 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 549 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 545Page - Renesas Technology Corp H8S/20203 Datasheet HTML 546Page - Renesas Technology Corp H8S/20203 Datasheet HTML 547Page - Renesas Technology Corp H8S/20203 Datasheet HTML 548Page - Renesas Technology Corp H8S/20203 Datasheet HTML 549Page - Renesas Technology Corp H8S/20203 Datasheet HTML 550Page - Renesas Technology Corp H8S/20203 Datasheet HTML 551Page - Renesas Technology Corp H8S/20203 Datasheet HTML 552Page - Renesas Technology Corp H8S/20203 Datasheet HTML 553Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 549 / 992 page
background image
Section 16 Timer RD
Rev. 1.00 Oct. 03, 2008 Page 523 of 962
REJ09B0465-0100
• TRDIORC
Bit
Symbol
Bit Name
Description
R/W
7
IOD3
I/O control D3 Specifies GRD to be used as GR for the FTIOB or
FTIOD pin.
0: GRD is used as GR for the FTIOB pin
1: GRD is used as GR for the FTIOD pin
R/W
6
IOD2
I/O control D2 Selects the GRD function.
0: GRD functions as an output compare register
1: GRD functions as an input capture register
R/W
5, 4
IOD[1:0]
I/O control D1
and D0
When IOD3 = 0,
00: No output at compare match
01: 0 output to the FTIOB pin at GRD compare
match
10: 1 output to the FTIOB pin at GRD compare
match
11: Output toggles to the FTIOB pin at GRD compare
match
When IOD3 = 1 and IOD2 = 0,
00: No output at compare match
01: 0 output to the FTIOD pin at GRD compare
match
10: 1 output to the FTIOD pin at GRD compare
match
11: Output toggles to the FTIOD pin at GRD
compare match
When IOD3 = 1 and IOD2 = 1,
00: Input capture to GRD at rising edge at the FTIOD
pin
01: Input capture to GRD at falling edge at the
FTIOD pin
1X: Input capture to GRD at rising and falling edges
at the FTIOD pin
R/W
3
IOC3
I/O control C3 Specifies GRC to be used as GR for the FTIOA or
FTIOC pin.
0: GRC is used as GR for the FTIOA pin
1: GRC is used as GR for the FTIOC pin
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com