công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 888 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 888 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 884Page - Renesas Technology Corp H8S/20103 Datasheet HTML 885Page - Renesas Technology Corp H8S/20103 Datasheet HTML 886Page - Renesas Technology Corp H8S/20103 Datasheet HTML 887Page - Renesas Technology Corp H8S/20103 Datasheet HTML 888Page - Renesas Technology Corp H8S/20103 Datasheet HTML 889Page - Renesas Technology Corp H8S/20103 Datasheet HTML 890Page - Renesas Technology Corp H8S/20103 Datasheet HTML 891Page - Renesas Technology Corp H8S/20103 Datasheet HTML 892Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 888 / 992 page
background image
Section 26 Low-Voltage Detection Circuits
Rev. 1.00 Oct. 03, 2008 Page 862 of 962
REJ09B0465-0100
26.2.2
Low-Voltage Detection Circuit 2 Control Register H (LD2CRH)
Address:
Bit:
Value after reset:
b7
VF2DF
0
b6
VD2UF
0
b5
0
b4
0
b3
VD2DFS
0
b2
VD2IRCS
0
b1
VD2MS
0
b0
VD2RE
0
H'FF0622
VD2DFCK[1:0]
Bit
Symbol
Bit Name
Description
R/W
7
VD2DF
LVD2
power
supply
voltage
drop flag
[Setting condition]
• When the power-supply voltage falls below Vdet2.
[Clearing conditions]
• When 1 is read from this bit and then 0 is written to
this bit.
• When the LVD2 circuit is in standby mode.
R/W
6
VD2UF
LVD2
power
supply
voltage rise
flag
[Setting condition]
• When the power supply voltage falls below Vdet2
and rises to Vdet2 or higher before falling to Vdet0
or lower.
[Clearing conditions]
• When 1 is read from this bit and then 0 is written to
this bit.
• When the LVD2 circuit is in standby mode.
R/W
5, 4
VD2DFCK[1:0] LVD2
digital filter
sampling
clock select
00:
φloco/1
01:
φloco/2
10:
φloco/4
11:
φloco/8
R/W
3
VD2DFS
LVD2
digital filter
function
select
0: Disables the digital filter function
1: Enables the digital filter function
R/W
2
VD2IRCS
LVD2
interrupt
request
generation
condition
select
0: when VCC rises to Vdet2 or higher.
1: when VCC falls to Vdet2 or lower.
When VD2DFS = 1, an interrupt request is generated
when the voltage reaches Vdet2, regardless of this bit
setting.
When VD2MS = 1, a reset request is generated when
the voltage falls below Vdet2, regardless of this bit
setting.
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com