công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 874 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 874 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 870Page - Renesas Technology Corp H8S/20103 Datasheet HTML 871Page - Renesas Technology Corp H8S/20103 Datasheet HTML 872Page - Renesas Technology Corp H8S/20103 Datasheet HTML 873Page - Renesas Technology Corp H8S/20103 Datasheet HTML 874Page - Renesas Technology Corp H8S/20103 Datasheet HTML 875Page - Renesas Technology Corp H8S/20103 Datasheet HTML 876Page - Renesas Technology Corp H8S/20103 Datasheet HTML 877Page - Renesas Technology Corp H8S/20103 Datasheet HTML 878Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 874 / 992 page
background image
Section 24 A/D Converter
Rev. 1.00 Oct. 03, 2008 Page 848 of 962
REJ09B0465-0100
24.8.3
Influences on Absolute Precision
Adding capacitance results in coupling with GND, and therefore noise in GND may adversely
affect absolute precision. Be sure to make the connection to an electrically stable GND such as
AVss.
Care is also required to insure that filter circuits do not communicate with digital signals on the
mounting board, so acting as antennas.
24.8.4
Setting Range of Analog Power Supply and Other Pins
If conditions shown below are not met, the reliability of the device may be adversely affected.
• Analog input voltage range
The voltage applied to analog input pin ANn during A/D conversion should be in the range
AVss
≤ ANn ≤ AVcc.
• Relation between AVcc, AVss and Vcc, Vss
As the relationship between AVcc, AVss and Vcc, Vss, set AVcc
≤ Vcc and AVss = Vss. If
the A/D converter is not used, the AVcc and AVss pins must not be left open.
24.8.5
Notes on Board Design
In board design, digital circuitry and analog circuitry should be as mutually isolated as possible,
and layout in which digital circuit signal lines and analog circuit signal lines cross or are in close
proximity should be avoided as far as possible. Failure to do so may result in incorrect operation
of the analog circuitry due to inductance, adversely affecting A/D conversion values.
Also, digital circuitry must be isolated from the analog input signals (AN0 to AN1, AN0_2 to
AN3_2) and analog power supply (AVcc) by the analog ground (AVss). Also, the analog ground
(AVss) should be connected at one point to a stable digital ground (Vss) on the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com