công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 873 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 873 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 869Page - Renesas Technology Corp H8S/20103 Datasheet HTML 870Page - Renesas Technology Corp H8S/20103 Datasheet HTML 871Page - Renesas Technology Corp H8S/20103 Datasheet HTML 872Page - Renesas Technology Corp H8S/20103 Datasheet HTML 873Page - Renesas Technology Corp H8S/20103 Datasheet HTML 874Page - Renesas Technology Corp H8S/20103 Datasheet HTML 875Page - Renesas Technology Corp H8S/20103 Datasheet HTML 876Page - Renesas Technology Corp H8S/20103 Datasheet HTML 877Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 873 / 992 page
background image
Section 24 A/D Converter
Rev. 1.00 Oct. 03, 2008 Page 847 of 962
REJ09B0465-0100
24.8
Usage Notes
24.8.1
Module Standby Mode Setting
Operation of the A/D converter can be disabled or enabled using the module standby control
register. The initial setting is for operation of the A/D converter to be halted. Register access is
enabled by clearing module standby mode. For details, see section 6, Power-Down Modes.
24.8.2
Permissible Signal Source Impedance
This LSI's analog input is designed so that conversion precision is guaranteed for an input signal
for which the signal source impedance is TBD k
Ω or less. This specification is provided to enable
the A/D converter's sample-and-hold circuit input capacitance to be charged within the sampling
time; if the sensor output impedance exceeds TBD k
Ω, charging may be insufficient and it may
not be possible to guarantee the A/D conversion accuracy. However, if a large capacitance is
provided externally for conversion in single mode, the input load will essentially comprise only
the internal input resistance of TBD k
Ω, and the signal source impedance is ignored. However,
since a low-pass filter effect is obtained in this case, it may not be possible to follow an analog
signal with a large differential coefficient (e.g., 5 mV/
µs or greater) (see figure 24.11). When
converting a high-speed analog signal or conversion in scan mode, a low-impedance buffer should
be inserted.
Equivalent circuit of A/D converter
This LSI
TBD
Cin =
TBD
TBD k
Ω
TBD k
Ω
Low-pass
filter
C to 0.1
µF
Sensor output
impedance
Sensor input
Figure 24.11 Example of Analog Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com