công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 824 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 824 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 820Page - Renesas Technology Corp H8S/20103 Datasheet HTML 821Page - Renesas Technology Corp H8S/20103 Datasheet HTML 822Page - Renesas Technology Corp H8S/20103 Datasheet HTML 823Page - Renesas Technology Corp H8S/20103 Datasheet HTML 824Page - Renesas Technology Corp H8S/20103 Datasheet HTML 825Page - Renesas Technology Corp H8S/20103 Datasheet HTML 826Page - Renesas Technology Corp H8S/20103 Datasheet HTML 827Page - Renesas Technology Corp H8S/20103 Datasheet HTML 828Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 824 / 992 page
background image
Section 22 Synchronous Serial Communication Unit (SSU)
Rev. 1.00 Oct. 03, 2008 Page 798 of 962
REJ09B0465-0100
22.4
Interrupt Requests
The SSU has five interrupt requests: transmit data empty, transmit end, receive data full, overrun
error, and conflict error. Since these interrupt requests are assigned to the common vector address,
interrupt sources must be determined by flags. Table 22.3 lists the interrupt requests.
Table 22.3
Interrupt Requests
Interrupt Request
Abbreviation
Interrupt Condition
DTC Activation
Transmit data empty
TXI
(TIE = 1), (TDRE = 1)
Possible
Transmit end
TEI
(TEIE = 1), (TEND = 1) Impossible
Receive data full
RXI
(RIE = 1), (RDRF = 1)
Possible
Overrun error
OEI
(RIE = 1), (ORER = 1)
Impossible
Conflict error
CEI
(CEIE = 1), (CE = 1)
Impossible
When an interrupt exception handling by an interrupt source shown in table 22.4 is executed, each
interrupt source must be cleared during the exception handling. Note that the TDRE and TEND
bits are automatically cleared by writing transmit data in SSTDR and the RDRF bit is
automatically cleared by reading SSRDR. When transmit data is written in SSTDR, the TDRE bit
is set again at the same time. Then if the TDRE bit is cleared, additional one byte of data may be
transmitted. The DTC can be activated by a TXI interrupt to transfer data. The TDRE flag is
automatically cleared upon data transfer by the DTC. The DTC can also be activated by an RXI
interrupt to transfer data. The RDRF flag is automatically cleared upon data transfer by the DTC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com