công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 801 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 801 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 797Page - Renesas Technology Corp H8S/20103 Datasheet HTML 798Page - Renesas Technology Corp H8S/20103 Datasheet HTML 799Page - Renesas Technology Corp H8S/20103 Datasheet HTML 800Page - Renesas Technology Corp H8S/20103 Datasheet HTML 801Page - Renesas Technology Corp H8S/20103 Datasheet HTML 802Page - Renesas Technology Corp H8S/20103 Datasheet HTML 803Page - Renesas Technology Corp H8S/20103 Datasheet HTML 804Page - Renesas Technology Corp H8S/20103 Datasheet HTML 805Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 801 / 992 page
background image
Section 22 Synchronous Serial Communication Unit (SSU)
Rev. 1.00 Oct. 03, 2008 Page 775 of 962
REJ09B0465-0100
Bit
Symbol
Bit Name
Description
R/W
0
SSUMS
SSU mode
select
0: Clocked synchronous communication mode
Data input: SSI pin, Data output: SSO pin
1: Four-line bus communication mode
When MSS = 1 in SSCRH and BIDE = 0 in
SSMR2:
Data input: SSI pin, Data output: SSO pin
When MSS = 0 in SSCRH and BIDE = 0 in
SSMR2:
Data input: SSO pin, Data output: SSI pin
When BIDE = 1 in SSMR2:
Data input and output: SSO pin
R/W
[Legend]
X:
Don't care.
Note:
1. To function these pins as ports, clear the PMR bit corresponding to the pin to 0.
2. If the NMOS open-drain output is selected, use the PMC to allocate the pin from port 5.
If the pin is allocated from a port other than port 5, only the CMOS output can be
selected.
• BIDE bit (bidirectional mode enable)
Selects whether the serial data input pin and the output pin are both used or only one pin is
used. For details, see section 22.3.3, Relationship between Data Input/Output Pin and Shift
Register. When the SSUMS bit in SSMR2 is 0, this setting is invalid.
• SCKS bit (SSCK pin select)
Selects whether the SSCK pin functions as a port or a serial clock pin.
• CSS[1:0] bits (SCS pin select)
Selects whether the
SCS pin functions as a port, an SCS input, or SCS output. When the
SSUMS bit in SSMR2 is 0, the
SCS pin functions as a port regardless of the setting of this bit.
• SOOS bit (SSO pin open-drain output select)
Selects whether the serial data output pin is CMOS output or NMOS open-drain output. The
serial data output pin is changed according to the register setting value. For details, see section
22.3.3, Relationship between Data Input/Output Pin and Shift Register.
• SSUMS bit (SSU mode select)
Selects which combination of the serial data input pin and serial data output pin is used.
For details, see section 22.3.3, Relationship between Data Input/Output Pin and Shift Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com