công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 797 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 797 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 793Page - Renesas Technology Corp H8S/20103 Datasheet HTML 794Page - Renesas Technology Corp H8S/20103 Datasheet HTML 795Page - Renesas Technology Corp H8S/20103 Datasheet HTML 796Page - Renesas Technology Corp H8S/20103 Datasheet HTML 797Page - Renesas Technology Corp H8S/20103 Datasheet HTML 798Page - Renesas Technology Corp H8S/20103 Datasheet HTML 799Page - Renesas Technology Corp H8S/20103 Datasheet HTML 800Page - Renesas Technology Corp H8S/20103 Datasheet HTML 801Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 797 / 992 page
background image
Section 22 Synchronous Serial Communication Unit (SSU)
Rev. 1.00 Oct. 03, 2008 Page 771 of 962
REJ09B0465-0100
22.2.3
SS Control Register L (SSCRL)
Address:
Bit:
Value after reset:
b7
0
b6
1
b5
SOL
1
b4
SOLP
1
b3
1
b2
1
b1
SRES
0
b0
1
H'FF05C9
Bit
Symbol
Bit Name
Description
R/W
7
Reserved
This bit is read as 0. The write value should be 0.
6
Reserved
This bit is read as 1. The write value should be 1.
5
SOL*
1
Serial data
output level
setting
0: When reading, serial data output level is low.
When writing, serial data output level is
changed to low.
1: When reading, serial data output level is high.
When writing, serial data output level is
changed to high.
R/W
4
SOLP
SOL write
protect
0: When writing, output level can be changed
according to the value of the SOL bit.
1: When reading, this bit is always read as 1.
When writing, modifying to the SOL bit is invalid.
3, 2
Reserved
These bits are read as 1. The write value should
be 1.
1
SRES
Software reset
0: Does not reset.
1: The SSU internal sequencer is forcibly reset.*
2
0
Reserved
This bit is read as 1. The write value should be 1.
Note:
1. When the output level is changed, the SOLP bit (bit4) should be cleared to 0 and the
MOV instruction should be used. If this bit is written during data transfer, erroneous
operation may occur. Therefore this bit must not be manipulated during transmission.
2. This bit should always be cleared by software as this bit is not cleared automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com