công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 735 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 735 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 731Page - Renesas Technology Corp H8S/20103 Datasheet HTML 732Page - Renesas Technology Corp H8S/20103 Datasheet HTML 733Page - Renesas Technology Corp H8S/20103 Datasheet HTML 734Page - Renesas Technology Corp H8S/20103 Datasheet HTML 735Page - Renesas Technology Corp H8S/20103 Datasheet HTML 736Page - Renesas Technology Corp H8S/20103 Datasheet HTML 737Page - Renesas Technology Corp H8S/20103 Datasheet HTML 738Page - Renesas Technology Corp H8S/20103 Datasheet HTML 739Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 735 / 992 page
background image
Section 20 Serial Communication Interface 3 (SCI3, IrDA)
Rev. 1.00 Oct. 03, 2008 Page 709 of 962
REJ09B0465-0100
20.4.4
Data Reception (Clocked Synchronous Mode)
Figure 20.12 shows an example of SCI3 operation for reception in clocked synchronous mode. In
reception, the SCI3 operates as described below.
1. The SCI3 performs internal initialization synchronous with a synchronization clock input or
output and starts receiving data.
2. The SCI3 stores the receive data in RSR.
3. If an overrun error occurs (when reception of the next data is completed while the RDRF flag
in SSR is still set to 1), the OER bit in SSR is set to 1. If the RIE bit in SCR3 is set to 1 at this
time, an ERI interrupt request is generated, receive data is not transferred to RDR, and the
RDRF flag remains to be set to 1.
4. If reception is completed successfully, the RDRF bit in SSR is set to 1, and receive data is
transferred to RDR. If the RIE bit in SCR3 is set to 1 at this time, an RXI interrupt request is
generated.
Serial
clock
Serial
data
1 frame
1 frame
Bit 0
Bit 7
Bit 7
Bit 0
Bit 1
Bit 6
Bit 7
RDRF
OER
LSI
operation
User
processing
RXI interrupt request generated
RDR data read
RDRF flag
cleared
to 0
RXI interrupt
request
generated
ERI interrupt request
generated by
overrun error
Overrun error
processing
RDR data has
not been read
(RDRF = 1)
Figure 20.12 Example of Reception in Clocked Synchronous Mode
Reception cannot be resumed while a receive error flag is set to 1. Accordingly, clear the OER,
FER, PER, and RDRF bits to 0 before resuming reception. Figure 20.13 shows a sample flowchart
for data reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com