công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 734 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 734 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 730Page - Renesas Technology Corp H8S/20103 Datasheet HTML 731Page - Renesas Technology Corp H8S/20103 Datasheet HTML 732Page - Renesas Technology Corp H8S/20103 Datasheet HTML 733Page - Renesas Technology Corp H8S/20103 Datasheet HTML 734Page - Renesas Technology Corp H8S/20103 Datasheet HTML 735Page - Renesas Technology Corp H8S/20103 Datasheet HTML 736Page - Renesas Technology Corp H8S/20103 Datasheet HTML 737Page - Renesas Technology Corp H8S/20103 Datasheet HTML 738Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 734 / 992 page
background image
Section 20 Serial Communication Interface 3 (SCI3, IrDA)
Rev. 1.00 Oct. 03, 2008 Page 708 of 962
REJ09B0465-0100
No
<End>
Yes
Start transmission
Read TDRE flag in SSR
[1]
Write transmit data to TDR
No
Yes
No
Yes
Read TEND flag in SSR
[2]
Clear TE bit in SCR3 to 0
TDRE = 1
Is data transmission continued?
TEND = 1
[1]
Read SSR and check that the TDRE flag is
set to 1, then write transmit data to TDR.
When data is written to TDR, the TDRE flag
is automatically cleared to 0 and clocks are
output to start the data transmission.
If data is transferred to TDR by the DTC
with a transmit data empty interrupt (TXI)
request, the TDRE flag is automatically
checked and cleared.
[2]
To continue data transmission, be sure to
read 1 from the TDRE flag to confirm that
writing is possible, then write data to TDR.
When data is written to TDR, the TDRE flag
is automatically cleared to 0.
Figure 20.11 Sample Flowchart for Data Transmission (Clocked Synchronous Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com