công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 723 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 723 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 719Page - Renesas Technology Corp H8S/20103 Datasheet HTML 720Page - Renesas Technology Corp H8S/20103 Datasheet HTML 721Page - Renesas Technology Corp H8S/20103 Datasheet HTML 722Page - Renesas Technology Corp H8S/20103 Datasheet HTML 723Page - Renesas Technology Corp H8S/20103 Datasheet HTML 724Page - Renesas Technology Corp H8S/20103 Datasheet HTML 725Page - Renesas Technology Corp H8S/20103 Datasheet HTML 726Page - Renesas Technology Corp H8S/20103 Datasheet HTML 727Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 723 / 992 page
background image
Section 20 Serial Communication Interface 3 (SCI3, IrDA)
Rev. 1.00 Oct. 03, 2008 Page 697 of 962
REJ09B0465-0100
20.3
Operation in Asynchronous Mode
Figure 20.2 shows the general format for asynchronous communication. One character (or frame)
consists of a start bit (low level), followed by data (in LSB-first order), a parity bit (high or low
level), and finally stop bits (high level). Inside the SCI3, the transmitter and receiver are
independent units, enabling full-duplex. Both the transmitter and the receiver also have a double-
buffered structure, so data can be read or written during transmission or reception, enabling
continuous data transfer.
LSB
Start
bit
MSB
Mark state
Stop bit
Transmit/receive data
1
Serial
data
Parity
bit
1 bit
1 or
2 bits
7 or 8 bits
1 bit
or none
One unit of transfer data (character or frame)
Figure 20.2 Data Format in Asynchronous Communication
20.3.1
Clock
Either an internal clock generated by the on-chip baud rate generator or an external clock input at
the SCK3 pin can be selected as the SCI3's transfer clock, according to the setting of the COM bit
in SMR and the CKE0 and CKE1 bits in SCR3. When an external clock is input at the SCK3 pin,
the clock frequency should be 16 times the bit rate used.
When the SCI3 is operated on an internal clock, the clock can be output from the SCK3 pin. The
frequency of the clock output in this case is equal to the bit rate, and the phase is such that the
rising edge of the clock is in the middle of the transmit data, as shown in figure 20.3.
0
1 character (frame)
D0
D1
D2
D3
D4
D5
D6
D7
0/1
11
Clock
Serial data
Figure 20.3 Relationship between Output Clock and Transfer Data Phase
(Asynchronous Mode) (Example with 8-Bit Data, Parity, Two Stop Bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com