công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 722 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 722 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 718Page - Renesas Technology Corp H8S/20103 Datasheet HTML 719Page - Renesas Technology Corp H8S/20103 Datasheet HTML 720Page - Renesas Technology Corp H8S/20103 Datasheet HTML 721Page - Renesas Technology Corp H8S/20103 Datasheet HTML 722Page - Renesas Technology Corp H8S/20103 Datasheet HTML 723Page - Renesas Technology Corp H8S/20103 Datasheet HTML 724Page - Renesas Technology Corp H8S/20103 Datasheet HTML 725Page - Renesas Technology Corp H8S/20103 Datasheet HTML 726Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 722 / 992 page
background image
Section 20 Serial Communication Interface 3 (SCI3, IrDA)
Rev. 1.00 Oct. 03, 2008 Page 696 of 962
REJ09B0465-0100
Bit
Symbol
Bit Name
Description
R/W
7
IrE
IrDA enable
0: The TXD_2/IrTXD and RXD_2/IrRXD pins
function as the TXD_2 and RXD_2 pins.
1: The TXD_2/IrTXD and RXD_2/IrRXD pins
function as the IrTXD and IrRXD pins.
R/W
6 to 4
IrCK[2:0]
IrDA clock select
2 to 0
000: Bit rate
× 3/16
001:
φ/2
010:
φ/4
011:
φ/8
100:
φ/16
101:
φ/32
110:
φ/64
111:
φ/128
R/W
3
IrTXINV
IrTX data polarity
inversion
0: Transmit data is output from IrTXD as is.
1: Transmit data is inverted to be output from
IrTXD.
R/W
2
IrRXINV
IrRX data polarity
inversion
0: IrRXD input is used for receive data as is.
1: IrRXD input is inverted to be used for receive
data.
R/W
1, 0
Reserved
These bits are read as 1. The write value should
be 1.
Note:
The IrCR value is retained in (module) standby mode.
• IrE bit (IrDA enable)
Selects the SCI3_2 I/O pin function between the usual serial function and IrDA function.
• IrCK[2:0] bit (IrDA clock select 2 to 0)
Sets the high pulse width for IrTXD output pulse encoding when the IrDA function is
• IrTXINV bit (IrTX data polarity inversion)
Sets to invert the logic level of the IrTXD output. When inversion is specified, the high pulse
width set with IrCR[2:0] is handled as low pulse width.
• IrRXINV bit (IrRX data polarity inversion)
Sets to invert the logic level of the IrRXD input. When inversion is specified, the high pulse
width set with IrCR[2:0] is handled as low pulse width.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com