công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 670 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 670 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 666Page - Renesas Technology Corp H8S/20103 Datasheet HTML 667Page - Renesas Technology Corp H8S/20103 Datasheet HTML 668Page - Renesas Technology Corp H8S/20103 Datasheet HTML 669Page - Renesas Technology Corp H8S/20103 Datasheet HTML 670Page - Renesas Technology Corp H8S/20103 Datasheet HTML 671Page - Renesas Technology Corp H8S/20103 Datasheet HTML 672Page - Renesas Technology Corp H8S/20103 Datasheet HTML 673Page - Renesas Technology Corp H8S/20103 Datasheet HTML 674Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 670 / 992 page
background image
Section 18 Timer RG
Rev. 1.00 Oct. 03, 2008 Page 644 of 962
REJ09B0465-0100
(b) Examples of waveform output operation
Figure 18.3 shows an example of 0 output/1 output.
In this example, TRGCNT has been designated as a free-running counter, and settings have been
made so that 1 is output by compare match A, and 0 is output by compare match B. When the set
level and the pin level match, the pin level does not change.
TRGCNT value
H'FFFF
H'0000
TGIOB
TGIOA
Time
GRB
GRA
No change
No change
No change
No change
1 output
0 output
Figure 18.3 Example of 0 Output/1 Output Operation
Figure 18.4 shows an example of toggle output. In this example TRGCNT has been designated as
a periodic counter (with counter clearing performed by compare match B), and settings have been
made so that output is toggled by both compare match A and compare match B.
TRGCNT value
H'FFFF
H'0000
TGICBO
TGIOA
Time
GRB
GRA
Toggle output
Toggle output
Counter cleared by GRB compare match
Figure 18.4 Example of Toggle Output Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com