công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 669 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 669 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 665Page - Renesas Technology Corp H8S/20103 Datasheet HTML 666Page - Renesas Technology Corp H8S/20103 Datasheet HTML 667Page - Renesas Technology Corp H8S/20103 Datasheet HTML 668Page - Renesas Technology Corp H8S/20103 Datasheet HTML 669Page - Renesas Technology Corp H8S/20103 Datasheet HTML 670Page - Renesas Technology Corp H8S/20103 Datasheet HTML 671Page - Renesas Technology Corp H8S/20103 Datasheet HTML 672Page - Renesas Technology Corp H8S/20103 Datasheet HTML 673Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 669 / 992 page
background image
Section 18 Timer RG
Rev. 1.00 Oct. 03, 2008 Page 643 of 962
REJ09B0465-0100
Select waveform output mode
Output selection
Set output timing
Start counting
<Waveform output>
[1]
[2]
[3]
[1] Select 0 output, 1 output, or toggle output for
compare match output by means of TRGIOR.
When waveform output mode is selected,
the port functions for compare-match output
(TGIOA, TGIOB).
[2] Set the timing for compare match generation in
GRA/GRB.
[3] Set the STR bit in TRGMDR to 1 to start the
TRGCNT count operation.
Figure 18.2 Example of Setting Procedure for Waveform Output by Compare Match
Table 18.3
Initial Output Values until the First Compare Match Occurs
Pin
0 is Output by Compare
Match
1 is Output by Compare
Match
Output is Toggled by
Compare Match
TGIOA
1
0
0*
TGIOB
1
0
0*
Note:
*
When the initial toggled output immediately after release from the reset state is
selected. In case where switching was from another output, the output value is that
which preceded the switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com