công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 612 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 612 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 608Page - Renesas Technology Corp H8S/20103 Datasheet HTML 609Page - Renesas Technology Corp H8S/20103 Datasheet HTML 610Page - Renesas Technology Corp H8S/20103 Datasheet HTML 611Page - Renesas Technology Corp H8S/20103 Datasheet HTML 612Page - Renesas Technology Corp H8S/20103 Datasheet HTML 613Page - Renesas Technology Corp H8S/20103 Datasheet HTML 614Page - Renesas Technology Corp H8S/20103 Datasheet HTML 615Page - Renesas Technology Corp H8S/20103 Datasheet HTML 616Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 612 / 992 page
background image
Section 16 Timer RD
Rev. 1.00 Oct. 03, 2008 Page 586 of 962
REJ09B0465-0100
Figure 16.56 is an example when non-overlapped pulses are output on pins FTIOA0 and FTIOB0.
In this example, TRDCNT_0 functions as a periodic counter which is cleared on compare match
A0 (bits CCLR2 to CCLR0 in TRDCR_0 are set to B'001), an output signal is toggled on compare
match A (bits IOA2 to IOA0 in TRDIORA_1 are set to B'011), the output signal on the FTIOA
pin is toggled on compare match C (GRC_0) (bits IOC3 to IOC0 in TRDIORC_1 are set to
B'0X11), an output signal is toggled on compare match B (GRB_0) (bits IOB2 to IOB0 in
TRDIORA_1 are set to B’011), and the output signal on the FTIOB pin is toggled on compare
match D (GRD_0) (bits IOD3 to IOD0 in TRDIORC_1 are set to B'0X11). The cycle of the pulse
is arbitrary.
Similarly, figure 16.57 is an example when non-overlapped pulses are output using TRDCNT_1.
H'FFFF
H'0000
GRA_0
GRC_0
GRB_0
GRD_0
FTIOA0
FTIOB0
TRDCNT value
Counter cleared on GRA_0
compare match
Time
Figure 16.56 Example of Non-Overlapped Pulses Output on Pins FTIOA0 and FTIOB0
(TRDCNT_0 Used)
TRDCNT value
H'FFFF
H'0000
GRA_1
GRC_1
GRB_1
GRD_1
FTIOA1
FTIOB1
Counter cleared on GRA_1
compare match
Time
Figure 16.57 Example of Non-Overlapped Pulses Output on Pins FTIOA1 and FTIOB1
(TRDCNT_1 Used)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com