công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 610 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 610 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 606Page - Renesas Technology Corp H8S/20103 Datasheet HTML 607Page - Renesas Technology Corp H8S/20103 Datasheet HTML 608Page - Renesas Technology Corp H8S/20103 Datasheet HTML 609Page - Renesas Technology Corp H8S/20103 Datasheet HTML 610Page - Renesas Technology Corp H8S/20103 Datasheet HTML 611Page - Renesas Technology Corp H8S/20103 Datasheet HTML 612Page - Renesas Technology Corp H8S/20103 Datasheet HTML 613Page - Renesas Technology Corp H8S/20103 Datasheet HTML 614Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 610 / 992 page
background image
Section 16 Timer RD
Rev. 1.00 Oct. 03, 2008 Page 584 of 962
REJ09B0465-0100
16.3.11
Digital Filtering Function for Input Capture Inputs
Input signals on the FTIOA to FTIOD pins can be input via the digital filters. The digital filter
includes three latches connected in series and a match detector circuit. The latches operate on the
sampling clock specified by bits DFCK1 and DFCK0 in TRDDF and stores an input signal on the
FTIOA to FTIOD pins. When outputs of the three latches match, the match detector circuit outputs
the signal level of the input. Otherwise, the output remains unchanged. That is, when a pulse width
is equal to or greater than three sampling clock cycles, the pulse is input as a signal. When a pulse
width is less than three sampling clock cycles, the pulse is considered as a noise to be removed.
FTIOA0 (TCLK)
φ40
φ/32
φ/8
φ/4
φ/2
φ
FTIOA to FTIOD
input signals
Cycle of a clock specified by
TPSC2 to TPSC0 or DFCK1
and DFCK0
Signal change is not output unless
signal levels match three times.
Signal propagation delay:
5 sampling clocks
TPSC2 to
TPSC0
DFCK1 and
DFCK2
DFA to DFD
IOA1, IOA0,
IOD1, and IOD0
Sampling clock
φ/32
φ/8
φ
Match
detector
circuit
Selecter
Edge
detecting
circuit
Sampling clock
C
Latch
DQ
C
Latch
DQ
C
Latch
D
Q
Digital-filtered signal
φ, φ40M
C
Latch
Q
C
Latch
Q
D
D
FTIOA to FTIOD
Figure 16.54 Block Diagram of Digital Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com