công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 600 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 600 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 596Page - Renesas Technology Corp H8S/20103 Datasheet HTML 597Page - Renesas Technology Corp H8S/20103 Datasheet HTML 598Page - Renesas Technology Corp H8S/20103 Datasheet HTML 599Page - Renesas Technology Corp H8S/20103 Datasheet HTML 600Page - Renesas Technology Corp H8S/20103 Datasheet HTML 601Page - Renesas Technology Corp H8S/20103 Datasheet HTML 602Page - Renesas Technology Corp H8S/20103 Datasheet HTML 603Page - Renesas Technology Corp H8S/20103 Datasheet HTML 604Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 600 / 992 page
background image
Section 16 Timer RD
Rev. 1.00 Oct. 03, 2008 Page 574 of 962
REJ09B0465-0100
(2) When GR is an Input Capture Register
When an input capture occurs, the value in TRDCNT is transferred to GR and the value previously
stored in the general register is transferred to the buffer register.
This operation is illustrated in figure 16.42.
TRDCNT
Buffer register
General
register
Input capture
signal
Figure 16.42 Input Capture Buffer Operation
(3) PWM3 Mode
When compare match A0 occurs, the value of the buffer register is transferred to GR.
(4) Complementary PWM Mode
When the counter switches from counting up to counting down or vice versa, the value of the
buffer register is transferred to GR. Here, the value of the buffer register is transferred to GR in the
following timing:
• When TRDCNT_0 and GRA_0 are compared and their contents match
• When TRDCNT_1 underflows
(5) Reset Synchronous PWM Mode
When compare match A0 occurs, the value in the buffer register is transferred to GR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com