công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 598 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 598 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 594Page - Renesas Technology Corp H8S/20103 Datasheet HTML 595Page - Renesas Technology Corp H8S/20103 Datasheet HTML 596Page - Renesas Technology Corp H8S/20103 Datasheet HTML 597Page - Renesas Technology Corp H8S/20103 Datasheet HTML 598Page - Renesas Technology Corp H8S/20103 Datasheet HTML 599Page - Renesas Technology Corp H8S/20103 Datasheet HTML 600Page - Renesas Technology Corp H8S/20103 Datasheet HTML 601Page - Renesas Technology Corp H8S/20103 Datasheet HTML 602Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 598 / 992 page
background image
Section 16 Timer RD
Rev. 1.00 Oct. 03, 2008 Page 572 of 962
REJ09B0465-0100
Figure 16.40 shows an example of starting and stopping operations of counters in PWM3 mode,
when TRDCNT_0 is set to be cleared and stopped on GRA_0 compare match (CCLR2 to CCLR0
= 001, CSTPNT0 = 0) and TRDCNT_1 is used as a free-running counter. When TRDCNT_1
starts counting by setting the STR1 bit to 1 after TRDCNT_0 has started counting by setting the
STR0 bit to 1, set 0 in the STR0 bit and 1 in the STR1 bit by using a MOV instruction. If the bit
manipulation instruction is used to set 1 in the STR1 bit, there is a possibility that the STR0 bit is
set to 1 after the counting has stopped on GRA_0 compare match, and that TRDCNT_0 starts
counting again.
The value of TRDCNT
0 is written in STR0, 1 in STR1, 0 in CSTPN0,
and 1 in CSTPN1 by the CPU
0 written in STR0 by the CPU
is not reflected
H'FFFF
H'0000
GRA_0
GRA_1
GRB_0
GRB_1
FTIOA0
FTIOB0
STR1
STR0
CSTPN1
TRDCNT_0
TRDCNT_1
High
CSTPN0
Low
Counter cleared by GRA_0
compare match
Time
Figure 16.40 Example of Starting and Stopping Operations of Counters (in PWM3 Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com