| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8SX/1663M bảng dữ liệu(PDF) 839 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M bảng dữ liệu(HTML) 839 Page - Renesas Technology Corp |
|
839 / 1504 page ![]() Section 15 Programmable Pulse Generator (PPG) Rev. 2.00 Sep. 24, 2008 Page 807 of 1468 REJ09B0412-0200 15.4.7 Inverted Pulse Output If the G3INV, G2INV, G1INV, and G0INV bits in PMR are cleared to 0, values that are the inverse of the PODR contents can be output. Figure 15.13 shows the outputs when the G3INV and G2INV bits are cleared to 0, in addition to the settings of figure 15.12. TCNT value TCNT TGRB TGRA H'0000 NDRH 95 65 59 56 95 65 00 95 05 65 41 59 50 56 14 95 05 65 PODRL PO15 PO14 PO13 PO12 PO11 PO10 PO9 PO8 Time Figure 15.13 Inverted Pulse Output (Example) |