| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8SX/1663M bảng dữ liệu(PDF) 770 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M bảng dữ liệu(HTML) 770 Page - Renesas Technology Corp |
|
770 / 1504 page ![]() Section 14 16-Bit Timer Pulse Unit (TPU) Rev. 2.00 Sep. 24, 2008 Page 738 of 1468 REJ09B0412-0200 14.4.3 Buffer Operation Buffer operation, provided for channels 0 and 3, enables TGRC and TGRD to be used as buffer registers. Buffer operation differs depending on whether TGR has been designated as an input capture register or a compare match register. Table 14.30 shows the register combinations used in buffer operation. Table 14.30 Register Combinations in Buffer Operation Channel Timer General Register Buffer Register TGRA_0 TGRC_0 0 TGRB_0 TGRD_0 TGRA_3 TGRC_3 3 TGRB_3 TGRD_3 • When TGR is an output compare register When a compare match occurs, the value in the buffer register for the corresponding channel is transferred to the timer general register. This operation is illustrated in figure 14.13. Buffer register Timer general register TCNT Comparator Compare match signal Figure 14.13 Compare Match Buffer Operation |