| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8SX/1663M bảng dữ liệu(PDF) 767 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M bảng dữ liệu(HTML) 767 Page - Renesas Technology Corp |
|
767 / 1504 page ![]() Section 14 16-Bit Timer Pulse Unit (TPU) Rev. 2.00 Sep. 24, 2008 Page 735 of 1468 REJ09B0412-0200 (b) Example of input capture operation Figure 14.10 shows an example of input capture operation. In this example, both rising and falling edges have been selected as the TIOCA pin input capture input edge, falling edge has been selected as the TIOCB pin input capture input edge, and counter clearing by TGRB input capture has been designated for TCNT. TCNT value H'0180 H'0000 TIOCA TGRA Time H'0010 H'0005 Counter cleared by TIOCB input (falling edge) H'0160 H'0005 H'0160 H'0010 TGRB H'0180 TIOCB Figure 14.10 Example of Input Capture Operation |