| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2426 bảng dữ liệu(PDF) 308 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 bảng dữ liệu(HTML) 308 Page - Renesas Technology Corp |
|
308 / 1302 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 280 of 1270 REJ09B0466-0100 (4) Relationship between Chip Select ( CS) Signal and Read (RD) Signal Depending on the system’s load conditions, the RD signal may lag behind the CS signal. An example is shown in figure 6.80. In this case, with the setting for no idle cycle insertion (a), there may be a period of overlap between the bus cycle A RD signal and the bus cycle B CS signal. Setting idle cycle insertion, as in (b), however, will prevent any overlap between the RD and CS signals. In the initial state after reset release, idle cycle insertion (b) is set. T1 Address bus φ RD Bus cycle A T2 T3 T1 T2 Bus cycle B Overlap period between CS (area B) and RD may occur (a) No idle cycle insertion (ICIS1 = 0) T1 Address bus Idle cycle φ Bus cycle A T2 T3 Ti T1 Bus cycle B (b) Idle cycle insertion (ICIS1 = 1, initial value) T2 CS (area A) CS (area B) RD CS (area A) CS (area B) Figure 6.80 Relationship between Chip Select ( CS) and Read (RD) |